Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68702H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M68702H
Description  150-175MHz, 12.5V, 60W, FM MOBILE RADIO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M68702H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M68702H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M68702H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M68702H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
150-175MHz, 12.5V, 60W, FM MOBILE RADIO
M68702H
MITSUBISHI RF POWER MODULE
Nov. ´97
2
PIN:
Pin
: RF INPUT
VCC1: 1st. DC SUPPLY
VCC2: 2nd. DC SUPPLY
PO
: RF OUTPUT
GND: FIN
BLOCK DIAGRAM
1
2
3
4
5
Symbol
Parameter
Test conditions
Limits
Min
Max
Unit
f
PO
ηT
2fO
ρin
Frequency range
Output power
Total efficiency
2nd. harmonic
Input VSWR
VCC1=VCC2=15.2V,
PO=60W (Pin:controlled), ZG=50
Ω,
Load VSWR=8.8:1 (All phase)
150
175
45
-30
No degradation or
destroy
MHz
W
%
dBc
-
Note. Above parameters, ratings, limits and test conditions are subject to change.
ELECTRICAL CHARACTERISTICS (Tc=25
°C unless otherwise noted)
Symbol
Parameter
Conditions
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Tc=25
°C unless otherwise noted)
Note. Above parameters are guaranteed independently.
V
VCC
Supply voltage
A
20
ICC
Total current
mW
600
Pin (max)
Input power
W
75
PO (max)
Output power
°C
-30 to +110
TC (OP)
Operation case temperature
°C
-40 to +110
Tstg
Storage temperature
ZG=ZL=50
Ditto
ZG=ZL=50
17
5
4
3
1
Load VSWR tolerance
-
f=150-175MHz, ZG=ZL=50
Ω, VCC1≤12.5V
Ditto
VCC1=VCC2=12.5V, Pin=300mW,
ZG=ZL=50
3fO
3rd. harmonic
-30
dBc
-
3
60
OUTLINE DRAWING
66±0.5
60±0.5
51.5±0.5
2-R2±0.5
16.5±1
H2
Dimensions in mm
12±1
1
2
3
4
5
7.25±0.8
3±0.3
43.5±1
55.5±1
φ 0.82±0.15


Similar Part No. - M68702H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M68702L MITSUBISHI-M68702L Datasheet
497Kb / 3P
135-160MHz, 12.5V, 60W, FM MOBILE RADIO?
More results

Similar Description - M68702H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57706 MITSUBISHI-M57706 Datasheet
43Kb / 1P
145-175MHz 12.5V,8W,FM MOBILE RADIO???
M57719 MITSUBISHI-M57719 Datasheet
137Kb / 3P
145-175MHz 12.5V,14W,FM MOBILE RADIO????
M67741H MITSUBISHI-M67741H Datasheet
103Kb / 3P
150-175MHz,12.5V,30W, FM MOBILE RADIO???
M67746 MITSUBISHI-M67746 Datasheet
24Kb / 2P
144-148MHz, 12.5V, 60W, FM MOBILE RADIO
M67748H MITSUBISHI-M67748H Datasheet
43Kb / 1P
150-175MHz, 12.5V, 7W, FM PORTABLE RADIO
M67748HR MITSUBISHI-M67748HR Datasheet
43Kb / 1P
150-175MHz, 12.5V, 7W, FM PORTABLE RADIO
M67781H MITSUBISHI-M67781H Datasheet
44Kb / 1P
150-175MHz, 12.5V, 40W, FM MOBILE RADIO?
M68702L MITSUBISHI-M68702L Datasheet
497Kb / 3P
135-160MHz, 12.5V, 60W, FM MOBILE RADIO?
RA60H1317M MITSUBISHI-RA60H1317M Datasheet
58Kb / 9P
135-175MHz 60W 12.5V MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M_10 Datasheet
89Kb / 9P
135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com