Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1191H144D Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # R1191H144D
Description  300mA LDO REGULATOR with the Reverse Current Protection
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1191H144D Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  R1191H144D Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
R1191x SERIES
300mA LDO REGULATOR with the Reverse Current Protection
NO.EA-229-220315
1
OUTLINE
R1191x Series are a low supply current voltage regulator with high output voltage accuracy. The maximum
operating voltage is 16V. These ICs can switch to the fast mode and the low power mode by the low power / fast
mode changer pin (ECO pin) without changing the output voltage value.
Each of these ICs consists of a voltage reference unit, an error amplifier, a resistor-net for voltage setting, a
short current limit circuit, a thermal shutdown circuit and a chip enable circuit.
Moreover, the R1191x Series has the reverse current protection function, which protects the reverse current
flow into VDD pin when the output pin voltage becomes higher than the VDD pin voltage. Thus it is suitable for the
back-up circuit.
Since the packages for these ICs are SOT-89-5, SOT-23-5 and DFN1616-6, therefore high density mounting
of the ICs on boards is possible.
FEATURES
Supply Current ..................................................... Typ. 50µA (Fast Mode),
Typ. 6.0µA (Low Power Mode)
Standby Mode...................................................... Typ. 0.3µA
Reverse Current................................................... Max. 0.1µA
Output Current ..................................................... Min. 300mA
Input Voltage Range ............................................ 3.5V to 16.0V
Output Voltage Range.......................................... 2.0V to 15.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
Output Voltage Accuracy...................................... ±1.5% (Fast Mode)
±
2.5% (Low Power Mode)
Temperature-Drift Coefficient of Output Voltage.. Typ. ±80ppm/°C
Dropout Voltage ................................................... Typ. 0.55V (Fast Mode, IOUT=300mA ,VOUT=5.0V)
Typ. 0.70V (Low Power Mode, IOUT=300mA,VOUT=5.0V)
Ripple Rejection................................................... Typ. 60dB (f=1kHz,VOUT=5.0V, Fast Mode)
Line Regulation .................................................... Typ. 0.02%/V (Fast Mode)
Packages ............................................................ DFN1616-6, SOT-23-5, SOT-89-5
Built-in fold-back protection circuit ....................... Typ. 50mA (Current at short mode)
Built-in Thermal Shutdown Circuit........................ Shutdown Temperature at 150°C
Ceramic capacitors are recommended to be used with this IC··· CIN=2.2µF or more, COUT=4.7µF or more
APPLICATIONS
Power source for digital home appliances
Power source for audio visual equipment


Similar Part No. - R1191H144D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1191H100B-T1-FE RICOH-R1191H100B-T1-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R1191H100D-T1-FE RICOH-R1191H100D-T1-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R1191H120B-T1-FE RICOH-R1191H120B-T1-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R1191H120D-T1-FE RICOH-R1191H120D-T1-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R1191H130B-T1-FE RICOH-R1191H130B-T1-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
More results

Similar Description - R1191H144D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
logo
Nisshinbo Micro Devices...
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
   3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
logo
New Japan Radio
NJM2879-H NJRC-NJM2879-H Datasheet
538Kb / 17P
   LDO with Reverse Current Protection / Discharge Function
Ver.1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com