Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1191H144D Datasheet(PDF) 5 Page - Nisshinbo Micro Devices Inc.

Part # R1191H144D
Description  300mA LDO REGULATOR with the Reverse Current Protection
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1191H144D Datasheet(HTML) 5 Page - Nisshinbo Micro Devices Inc.

  R1191H144D Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1191H144D Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
R1191x
NO.EA-229-220315
5
ELECTRICAL CHARACTERISTICS
VIN=VCE=Set VOUT+3.0V (Max.16V), CIN=2.2μF, COUT=4.7μF IOUT=1mA, unless otherwise noted.
The values in
are applicable under the condition of −40°C ≤ Topt ≤ 85°C.
R1191xxxxB/D
Topt=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
Fast Mode VECO=VIN
Topt=25°C
×
0.985
×
1.015
V
40°C ≤ Topt ≤ 85°C
×
0.970
×
1.030
Low Power
Mode
VECO=0V
Topt=25°C
×
0.975
×
1.025
40°C ≤ Topt ≤ 85°C
×
0.960
×
1.040
VOUT Output Voltage Deviation between Fast Mode and Low Power
Mode
1.5
0
1.5
%
IOUT
Output Current
300
mA
VOUT/
IOUT Load Regulation
Fast Mode V
ECO
=VIN,
1mA ≤ IOUT ≤ 300mA
50
120
mV
Low Power
Mode
VECO=GND,
1mA ≤ IOUT ≤ 300mA
60
130
VDIF
Dropout Voltage
Refer to the following table
ISS1
Supply Current (Fast Mode) VECO=VIN, IOUT=0mA
50
100
µ
A
ISS2
Supply Current
(Low Power Mode)
VECO=GND, IOUT=0mA
6
15
µ
A
Istandby Supply Current (Standby)
VIN=16V, VCE=0V
(If VOUT < 3.0V, VIN=14V)
0.3
1.0
µ
A
VOUT/
VIN
Line Regulation
Set VOUT+0.5V ≤ VIN ≤ 16V
(If Set VOUT < 3.0V, 3.5V ≤ VIN ≤ 14V)
0.02
0.10
%/V
RR
Ripple Rejection
f=1kHz, IOUT=30mA
Ripple 0.2Vp-p,
VIN=VECO=
Set VOUT+1V
2.0V≤VOUT<5.0V
70
dB
5.0V≤VOUT<12V
60
12V ≤ VOUT
60
VIN
Input Voltage
2.0V ≤ VOUT < 3.0V
3.5
14.0
V
3.0V ≤ VOUT
16.0
VOUT/
Topt
Output Voltage
Temperature Coefficient
40°C ≤ Topt ≤ 85°C
±
80
ppm
/°C
ISC
Short Current Limit
VOUT=0V
50
mA
VCEH
CE, ECO Input Voltage "H"
1.6
VIN
V
VCEL
CE, ECO Input Voltage "L"
0
0.6
V
TTSD
Thermal Shutdown
Temperature
Junction Temperature
150
°
C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
130
°
C
RLOW
Low Output Nch Tr. ON
Resistance (of D Version)
VIN=5V, VCE=0V, VOUT=0.3V
150
IREV
Reverse Current
VOUT> 0.6V, 0V ≤ VIN ≤ 16V
0
0.1
µ
A
) The values in
have been tested and guaranteed by Design Engineering.
All test categories were tested on the products under the pulse load condition (Tj≈Topt =25°C) except the
following test categories: ripple rejection, output voltage temperature coefficient, and thermal shutdown.


Similar Part No. - R1191H144D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1191H100B-T1-FE RICOH-R1191H100B-T1-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R1191H100D-T1-FE RICOH-R1191H100D-T1-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R1191H120B-T1-FE RICOH-R1191H120B-T1-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R1191H120D-T1-FE RICOH-R1191H120D-T1-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R1191H130B-T1-FE RICOH-R1191H130B-T1-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
More results

Similar Description - R1191H144D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
logo
Nisshinbo Micro Devices...
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
   3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
logo
New Japan Radio
NJM2879-H NJRC-NJM2879-H Datasheet
538Kb / 17P
   LDO with Reverse Current Protection / Discharge Function
Ver.1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com