Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAASU168SL8472KTCA01 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # MAASU168SL8472KTCA01
Description  Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

MAASU168SL8472KTCA01 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  MAASU168SL8472KTCA01 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc MAASU168SL8472KTCA01 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc MAASU168SL8472KTCA01 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
MAASU168SL8472KTCA01 (Previous PN: UMR107L8472KA-T)
Features
Item Summary
4700pF±10%, 50V,
X8L, 0603/1608 (EIA/JIS)
Lifecycle Stage
Mass Production (Preferred)
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping paper 4000pcs
Products characteristics table
Capacitance
4700 pF ± 10 %
Case Size (EIA/JIS)
0603/1608
Rated Voltage
50 V
tanδ (max)
3.5 %
Temperature Characteristic (EIA)
X8L
Operating Temp. Range (EIA)
-55 to +150 ℃
Insulation Resistance (min)
10,000 MΩ
RoHS Compliance (10 subst.)
Yes
REACH Compliance (233 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.6 ±0.10 mm
Dimension W
0.8 ±0.10 mm
Dimension T
0.8 ±0.10 mm
Dimension e
0.35 ±0.25 mm
2023.02.13
1 / 1


Similar Part No. - MAASU168SL8472KTCA01

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MAASU168SL8472MTCA01 TAIYO-YUDEN-MAASU168SL8472MTCA01 Datasheet
430Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
More results

Similar Description - MAASU168SL8472KTCA01

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7681MFCA01 TAIYO-YUDEN-MAASE063SB7681MFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
2022.04.05
MAASJ063SD7223KFCA01 TAIYO-YUDEN-MAASJ063SD7223KFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
2022.04.05
MAAST105AB7683MFCA01 TAIYO-YUDEN-MAAST105AB7683MFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
2022.04.05
MAASU105AB7104MFCA01 TAIYO-YUDEN-MAASU105AB7104MFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
2022.04.05
MAASU21GAC7474MTCA01 TAIYO-YUDEN-MAASU21GAC7474MTCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
2022.04.05
MAASU168SL8103MTCA01 TAIYO-YUDEN-MAASU168SL8103MTCA01 Datasheet
430Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
MAASU168SL8153KTCA01 TAIYO-YUDEN-MAASU168SL8153KTCA01 Datasheet
430Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
MAASU168SL8222KTCA01 TAIYO-YUDEN-MAASU168SL8222KTCA01 Datasheet
430Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
MAASU168SL8473MTCA01 TAIYO-YUDEN-MAASU168SL8473MTCA01 Datasheet
429Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
MAASU168SL8682MTCA01 TAIYO-YUDEN-MAASU168SL8682MTCA01 Datasheet
430Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
MAASE105SL8153MFCA01 TAIYO-YUDEN-MAASE105SL8153MFCA01 Datasheet
430Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com