Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAASU168SL8472KTCA01 Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # MAASU168SL8472KTCA01
Description  Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

MAASU168SL8472KTCA01 Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  MAASU168SL8472KTCA01 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc MAASU168SL8472KTCA01 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc MAASU168SL8472KTCA01 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
23U1A01
RoHS compliance product
○MAASU168SL8472KTCA01_(UMR107L8472KA-T)
50V 1608 X8L 4700pF +/- 10% t=0.9mmMAX
50V 0603 X8L 4700pF +/- 10% t=0.035inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
100
1000
10000
100000
0.1
1
10
100
1000
10000
Frequency[MHz]
Capacitance Freq.
-50
-40
-30
-20
-10
0
10
0
10
20
30
40
50
DC Bias Voltage[V]
DC Bias Char.
0.01
0.1
1
10
100
1000
10000
100000
0.1
1
10
100
1000
10000
Frequency[MHz]
Impedance,ESR Freq.
ESR
Z
-40
-30
-20
-10
0
10
-55 -35 -15 5
25 45 65 85 105 125 145
Temperature[degreeC]
Capacitance Temp.


Similar Part No. - MAASU168SL8472KTCA01

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MAASU168SL8472MTCA01 TAIYO-YUDEN-MAASU168SL8472MTCA01 Datasheet
430Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
More results

Similar Description - MAASU168SL8472KTCA01

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7681MFCA01 TAIYO-YUDEN-MAASE063SB7681MFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
2022.04.05
MAASJ063SD7223KFCA01 TAIYO-YUDEN-MAASJ063SD7223KFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
2022.04.05
MAAST105AB7683MFCA01 TAIYO-YUDEN-MAAST105AB7683MFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
2022.04.05
MAASU105AB7104MFCA01 TAIYO-YUDEN-MAASU105AB7104MFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
2022.04.05
MAASU21GAC7474MTCA01 TAIYO-YUDEN-MAASU21GAC7474MTCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
2022.04.05
MAASU168SL8103MTCA01 TAIYO-YUDEN-MAASU168SL8103MTCA01 Datasheet
430Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
MAASU168SL8153KTCA01 TAIYO-YUDEN-MAASU168SL8153KTCA01 Datasheet
430Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
MAASU168SL8222KTCA01 TAIYO-YUDEN-MAASU168SL8222KTCA01 Datasheet
430Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
MAASU168SL8473MTCA01 TAIYO-YUDEN-MAASU168SL8473MTCA01 Datasheet
429Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
MAASU168SL8682MTCA01 TAIYO-YUDEN-MAASU168SL8682MTCA01 Datasheet
430Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
MAASE105SL8153MFCA01 TAIYO-YUDEN-MAASE105SL8153MFCA01 Datasheet
430Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
23U1A01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com