Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1191N144D Datasheet(PDF) 11 Page - Nisshinbo Micro Devices Inc.

Part # R1191N144D
Description  300mA LDO REGULATOR with the Reverse Current Protection
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1191N144D Datasheet(HTML) 11 Page - Nisshinbo Micro Devices Inc.

Back Button R1191N144D Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1191N144D Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1191N144D Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R1191N144D Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R1191N144D Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R1191N144D Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R1191N144D Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R1191N144D Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R1191N144D Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
R1191x
NO.EA-229-220315
11
2) Output Voltage vs. Input Voltage (C1=2.2µF, C2=4.7µF, Topt=25°C)
R1191x020x ECO=H
R1191x020x ECO=L
R1191x050x ECO=H
R1191x050x ECO=L
R1191x150x ECO=H
R1191x150x ECO=L


Similar Part No. - R1191N144D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1191N100B-TR-FE RICOH-R1191N100B-TR-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R1191N100D-TR-FE RICOH-R1191N100D-TR-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R1191N120B-TR-FE RICOH-R1191N120B-TR-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R1191N120D-TR-FE RICOH-R1191N120D-TR-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R1191N130B-TR-FE RICOH-R1191N130B-TR-FE Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
More results

Similar Description - R1191N144D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
logo
Nisshinbo Micro Devices...
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
   3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
logo
New Japan Radio
NJM2879-H NJRC-NJM2879-H Datasheet
538Kb / 17P
   LDO with Reverse Current Protection / Discharge Function
Ver.1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com