Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C945 Datasheet(PDF) 2 Page - Weitron Technology

Part # C945
Description  NPN Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

C945 Datasheet(HTML) 2 Page - Weitron Technology

  C945 Datasheet HTML 1Page - Weitron Technology C945 Datasheet HTML 2Page - Weitron Technology C945 Datasheet HTML 3Page - Weitron Technology C945 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Collector Output Capacitance
VCB = 10V, IE = 0, f = 1MHz
Noise figure
VCE = 6V, IC = 0.1mA, Rg = 10kΩ, f = 1KMHz
TransitionFrequence
VCE = 6V, IC = 10mA, f = 30MHz
-
-
-
-
-
-
-
-
700
V
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
70
40
CLASSIFICATION OF hFE1
Rank
Range
Y
O
70-140
0.3
WEITRON
http://www.weitron.com.tw
VBE(sat)
V
1.0
200
-
3.0
pF
-
4.0
10
dB
-
BL
GR
120-240
200-400
350-700
Cob
NF
MHz
VCE(sat)
fT
Base-Emitter Voltage
IC=100mA, IB=10mA
hFE1
hFE2
DC Current Gain
VCE=6.0V, IC=1mA
VCE=6.0V, IC=0.1mA
Collector-Emitter Saturation Voltage
IC=100mA, IB=10mA
C945
2/4
08-Feb-06
Characteristics
Symbol
Min
Typ
Max
Unit


Similar Part No. - C945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C945 ETC-C945 Datasheet
1Mb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
C945 DGNJDZ-C945 Datasheet
2Mb / 4P
TO-92 Plastic-Encapsulate Transistors
logo
Stanson Technology
C945 STANSON-C945 Datasheet
80Kb / 1P
NPN TRANSISTOR
logo
GUANGDONG HOTTECH INDUS...
C945 HOTTECH-C945 Datasheet
178Kb / 2P
Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
C945 DAYA-C945 Datasheet
701Kb / 1P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - C945

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com