Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA1000-100-13X Datasheet(PDF) 1 Page - Vishay Barry

Part # AA1000-100-13X
Description  Aluminum Nitride 10 dB FLANGED ATTENUATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

AA1000-100-13X Datasheet(HTML) 1 Page - Vishay Barry

  AA1000-100-13X Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AA1000-100-13X
Aluminum Nitride
10 dB FLANGED ATTENUATOR
Features:
♦ Aluminum Nitride Material
♦ DC - 3 GHz Performance
♦ 100 Watt Input Power
♦ Flange Mount
General Description:
The AA1000-100-13X is a flanged 10 dB,
Aluminum Nitride attenuator. It has an input power
of 100 watts, while maintaining a constant flange
temperature of 100°C. It offers a frequency range
from DC to 3 GHz.
WWW.BARRYIND.COM
RoHS
COMPLIANT
TM
Barry Industries reserves the right to change part number and or process without notification.
n
o
it
a
n
i
g
ir
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
8
0
/
5
2
/
4
0
9
0
/
7
0
/
1
0
C
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
e
g
n
a
R
y
c
n
e
u
q
e
r
FC
D3
z
H
G
n
o
i
t
a
u
n
e
t
t
A9
0
11
1B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I5
2B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O2
2B
d
r
e
w
o
P
t
u
p
n
I0
0
1s
t
t
a
W
e
r
u
t
a
r
e
p
m
e
T
e
g
n
a
l
F0
0
1C
°
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System


Similar Part No. - AA1000-100-13X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA1000-100-12X BARRY-AA1000-100-12X Datasheet
122Kb / 1P
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Rev. C
More results

Similar Description - AA1000-100-13X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0175-250-17X BARRY-AA0175-250-17X Datasheet
78Kb / 1P
Aluminum Nitride 1.75 dB FLANGED ATTENUATOR
Revision Date 03/20/12
AA0200-100-9X BARRY-AA0200-100-9X Datasheet
134Kb / 1P
Aluminum Nitride 2 dB FLANGED ATTENUATOR
Rev. B
AA0300-100-3X BARRY-AA0300-100-3X Datasheet
569Kb / 1P
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Revision Date 10/31/06
AA0300-100-9X BARRY-AA0300-100-9X Datasheet
145Kb / 1P
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. A
AA0600-100-3X BARRY-AA0600-100-3X Datasheet
83Kb / 1P
Aluminum Nitride 6 dB FLANGED ATTENUATOR
Revision Date 05/16/12
AA1000-100-12X BARRY-AA1000-100-12X Datasheet
122Kb / 1P
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Rev. C
AA1000-40-3X BARRY-AA1000-40-3X Datasheet
167Kb / 1P
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Revision Date 11/5/07
AA1000-75-1X BARRY-AA1000-75-1X Datasheet
196Kb / 1P
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Revision Date 8/30/07
AA1500-75-1X BARRY-AA1500-75-1X Datasheet
140Kb / 1P
Aluminum Nitride 15 dB FLANGED ATTENUATOR
Revision Date 06/15/09
AA3000-100-3X BARRY-AA3000-100-3X Datasheet
137Kb / 1P
ALUMINUM NITRIDE 30 dB FLANGED ATTENUATOR
Rev. C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com