Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA0200-100-9X Datasheet(PDF) 1 Page - Vishay Barry

Part # AA0200-100-9X
Description  Aluminum Nitride 2 dB FLANGED ATTENUATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

AA0200-100-9X Datasheet(HTML) 1 Page - Vishay Barry

  AA0200-100-9X Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AA0200-100-9X
Aluminum Nitride 2 dB
FLANGED ATTENUATOR
Features:
♦ Aluminum Nitride Material
♦ DC - 2 GHz Performance
♦ 100 Watt Input Power
♦ Flange Mount
WWW.BARRYIND.COM
RoHS
COMPLIANT
TM
Barry Industries reserves the right to change part number and or process without notification.
n
o
it
a
n
i
g
ir
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
8
0
/
7
1
/
9
0
0
1
/
1
1
/
8
0
B
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
e
g
n
a
R
y
c
n
e
u
q
e
r
FC
D2
z
H
G
0
4
-
(
n
o
i
t
a
u
n
e
t
t
A°C
0
5
1
+
o
)
C7
.
12
7
.
2B
d
5
2
s
s
o
L
n
r
u
t
e
R
t
u
p
n
IC
°
0
4
-
s
s
o
L
n
r
u
t
e
R
t
u
p
n
0
5
1
+
-
CC
°
8
1
6
1
B
d
5
2
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OC
°
0
4
-
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
0
5
1
+
-
CC
°
8
1
6
1
B
d
r
e
w
o
P
t
u
p
n
I0
0
1s
t
t
a
W
e
r
u
t
a
r
e
p
m
e
T
e
g
n
a
l
F0
0
1C
°
The AA0200-100-9X is a flanged, 2 dB Aluminum
Nitride attenuator. It has an input power of 100 watts,
while maintaining a constant flange temperature of 100°C.
It offers a frequency range from DC to 2 GHz.
General Description
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System


Similar Part No. - AA0200-100-9X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0200-10-3X BARRY-AA0200-10-3X Datasheet
139Kb / 1P
Aluminum Nitride
Rev.B 06/16/10
More results

Similar Description - AA0200-100-9X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0200-40-3X BARRY-AA0200-40-3X Datasheet
140Kb / 1P
Aluminum Nitride 2 dB FLANGED ATTENUATOR
Revision Date 06/15/09
AA0175-250-17X BARRY-AA0175-250-17X Datasheet
78Kb / 1P
Aluminum Nitride 1.75 dB FLANGED ATTENUATOR
Revision Date 03/20/12
AA0300-100-3X BARRY-AA0300-100-3X Datasheet
569Kb / 1P
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Revision Date 10/31/06
AA0600-100-3X BARRY-AA0600-100-3X Datasheet
83Kb / 1P
Aluminum Nitride 6 dB FLANGED ATTENUATOR
Revision Date 05/16/12
AA1000-40-3X BARRY-AA1000-40-3X Datasheet
167Kb / 1P
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Revision Date 11/5/07
AA3000-100-3X BARRY-AA3000-100-3X Datasheet
137Kb / 1P
ALUMINUM NITRIDE 30 dB FLANGED ATTENUATOR
Rev. C
AA0300-100-9X BARRY-AA0300-100-9X Datasheet
145Kb / 1P
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. A
AA1500-75-1X BARRY-AA1500-75-1X Datasheet
140Kb / 1P
Aluminum Nitride 15 dB FLANGED ATTENUATOR
Revision Date 06/15/09
AA2000-100-3X BARRY-AA2000-100-3X Datasheet
131Kb / 1P
Aluminum Nitride 20 dB FLANGED ATTENUATOR
Rev. C
AA2500-150-5X BARRY-AA2500-150-5X Datasheet
143Kb / 1P
Aluminum Nitride 25 dB FLANGED ATTENUATOR
Revision Date 04/15/10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com