Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFRC500 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MFRC500
Description  Highly Integrated ISO 14443A Reader IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MFRC500 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MFRC500 Datasheet HTML 4Page - NXP Semiconductors MFRC500 Datasheet HTML 5Page - NXP Semiconductors MFRC500 Datasheet HTML 6Page - NXP Semiconductors MFRC500 Datasheet HTML 7Page - NXP Semiconductors MFRC500 Datasheet HTML 8Page - NXP Semiconductors MFRC500 Datasheet HTML 9Page - NXP Semiconductors MFRC500 Datasheet HTML 10Page - NXP Semiconductors MFRC500 Datasheet HTML 11Page - NXP Semiconductors MFRC500 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Philips Semiconductors
Short Form Specification Rev. 2.0 January 2002
Highly Integrated ISO 14443A Reader IC
MF RC500
10
PUBLIC
5 ELECTRICAL SPECIFICATION
5.1 DC Characteristics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Voltage Supply
DVDD
Digital Supply Voltage
4.5
5.0
5.5
V
AVDD
Analog Supply Voltage
4.5
5.0
5.5
V
TVDD
Transmitter Supply Voltage
3.3
5.0
5.5
V
Current Consumption
IDVDD
Operating Digital Supply Current
6
mA
IAVDD
Operating Analog Supply Current
25
mA
ITVDD
Operating Buffered Antenna Driver
Supply Current
continuous wave
150
mA
5.2 Start up Characteristics
Mode
CONDITIONS
Current UNIT
Time
UNIT
Startup times and current consumption
Power on
-
-
< 1000
µs
Hard Reset via Reset Pin
1
µA
< 1000
µs
Soft Reset via Register Setting
1
µA
< 1000
µs


Similar Part No. - MFRC500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
MFRC50001T NXP-MFRC50001T Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
MFRC50001T0FE NXP-MFRC50001T0FE Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
More results

Similar Description - MFRC500

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A9261-A-000 AMICC-A9261-A-000 Datasheet
83Kb / 2P
   13.56MHz ISO-14443A Reader Module
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
   ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
AS3910 AMSCO-AS3910 Datasheet
1Mb / 47P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
SLRC400 NXP-SLRC400 Datasheet
759Kb / 101P
   ICODE reader IC
Rev. 3.3-23 March 2010
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com