Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFRC500 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MFRC500
Description  Highly Integrated ISO 14443A Reader IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MFRC500 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MFRC500 Datasheet HTML 3Page - NXP Semiconductors MFRC500 Datasheet HTML 4Page - NXP Semiconductors MFRC500 Datasheet HTML 5Page - NXP Semiconductors MFRC500 Datasheet HTML 6Page - NXP Semiconductors MFRC500 Datasheet HTML 7Page - NXP Semiconductors MFRC500 Datasheet HTML 8Page - NXP Semiconductors MFRC500 Datasheet HTML 9Page - NXP Semiconductors MFRC500 Datasheet HTML 10Page - NXP Semiconductors MFRC500 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Short Form Specification Rev. 2.0 January 2002
Highly Integrated ISO 14443A Reader IC
MF RC500
7
PUBLIC
3.2.5 RESET PIN
The reset pin disables internal current sources and clocks and detaches the MF RC500 virtually from the µC
bus. If RST is released, the MF RC500 executes the power up sequence.
3.2.6 OSCILLATOR
Name
Type
Function
XIN
I
Oscillator Buffer Input
XOUT
O
Oscillator Buffer Output
The very fast on-chip oscillator buffer operates with a 13.56 MHz crystal connected to XIN and XOUT. If the
device shall operate with an external clock it may be applied to pin XIN.
3.2.7 MIFARE® INTERFACE
The MF RC500 supports the active antenna concept of MIFARE®. It may handles the base-band signals
NPAUSE and KOMP of MIFARE® Core Modules (MF CMxxx) at the pins MFIN and MFOUT.
Name
Type
Function
MFIN
I with Schmitt Trigger
MIFARE® Interface Input
MFOUT
O
MIFARE® Interface Output
The MIFARE® interface may be used to communicate with either the analog or the digital part of the MF
RC500 separately in the following ways:
The analog circuit may be used stand-alone via the MIFARE® interface. In that case MFIN will be
connected to the externally generated NPAUSE signal. The MFOUT pin provides the KOMP signal.
The digital circuit may be used to drive an external analog circuit via the MIFARE® interface. In that case
the MFOUT pin provides the internally generated NPAUSE signal and MFIN will be connected to the
KOMP signal from the outside.
3.2.8 PARALLEL INTERFACE
16 pins control the parallel interface:
Name
Type
Function
D0 … D7
I/O with Schmitt Trigger
Bi-directional Data Bus
A0 … A2
I/O with Schmitt Trigger
Address Lines
NWR / RNW
I/O with Schmitt Trigger
Not Write / Read Not Write
NRD / NDS
I/O with Schmitt Trigger
Not Read / Not Data Strobe
NCS
I/O with Schmitt Trigger
Not Chip Select
ALE
I/O with Schmitt Trigger
Address Latch Enable
IRQ
O
Interrupt Request


Similar Part No. - MFRC500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
MFRC50001T NXP-MFRC50001T Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
MFRC50001T0FE NXP-MFRC50001T0FE Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
More results

Similar Description - MFRC500

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A9261-A-000 AMICC-A9261-A-000 Datasheet
83Kb / 2P
   13.56MHz ISO-14443A Reader Module
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
   ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
AS3910 AMSCO-AS3910 Datasheet
1Mb / 47P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
SLRC400 NXP-SLRC400 Datasheet
759Kb / 101P
   ICODE reader IC
Rev. 3.3-23 March 2010
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com