Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFRC500 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MFRC500
Description  Highly Integrated ISO 14443A Reader IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MFRC500 Datasheet(HTML) 5 Page - NXP Semiconductors

  MFRC500 Datasheet HTML 1Page - NXP Semiconductors MFRC500 Datasheet HTML 2Page - NXP Semiconductors MFRC500 Datasheet HTML 3Page - NXP Semiconductors MFRC500 Datasheet HTML 4Page - NXP Semiconductors MFRC500 Datasheet HTML 5Page - NXP Semiconductors MFRC500 Datasheet HTML 6Page - NXP Semiconductors MFRC500 Datasheet HTML 7Page - NXP Semiconductors MFRC500 Datasheet HTML 8Page - NXP Semiconductors MFRC500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Short Form Specification Rev. 2.0 January 2002
Highly Integrated ISO 14443A Reader IC
MF RC500
5
PUBLIC
3 MF RC500 PINNING
3.1 Pinning Diagram
The device is packaged in a 32 pin SO-package.
The device operates with 3 individual power supplies for best performance in terms of EMC behaviour and
signal de-coupling. This gives outstanding RF performance and also maximum flexibility to adapt to different
operating voltages of digital and analog part.
MF RC500
A0-A3
D0-D7
IRQ
NRD
NWR
NCS
ALE
RST
XOUT
XIN
DVDD
DVSS
TVDD
TVSS
TX1
TX2
AVDD
AVSS
RX
VMID
AUX
MFOUT
MFIN
Figure 3-1: MF RC500


Similar Part No. - MFRC500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
MFRC50001T NXP-MFRC50001T Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
MFRC50001T0FE NXP-MFRC50001T0FE Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
More results

Similar Description - MFRC500

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A9261-A-000 AMICC-A9261-A-000 Datasheet
83Kb / 2P
   13.56MHz ISO-14443A Reader Module
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
   ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
AS3910 AMSCO-AS3910 Datasheet
1Mb / 47P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
SLRC400 NXP-SLRC400 Datasheet
759Kb / 101P
   ICODE reader IC
Rev. 3.3-23 March 2010
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com