Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV632A Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS61LV632A
Description  32K x 32 SYNCHRONOUS FAST STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV632A Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS61LV632A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IS61LV632A
ISSI®
10
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
04/17/01
WRITE CYCLE SWITCHING CHARACTERISTICS (Over Operating Range)
-4
-5
-6
-7
-8
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min.
Max.
Unit
tKC
Cycle Time
8
10
12
13
15
ns
tKH
Clock High Time
4
4
4
6
6
ns
tKL
Clock Low Time
4
4
4
6
6
ns
tAS
Address Setup Time
2.5
2.5
2.5
2.5
2.5
ns
tSS
Address Status
2.5
2.5
2.5
2.5
2.5
ns
Setup Time
tWS
Write Setup Time
2.5
2.5
2.5
2.5
2.5
ns
tDS
Data In Setup Time
2.5
2.5
2.5
2.5
2.5
ns
tCES
Chip Enable Setup Time 2.5
2.5
2.5
2.5
2.5
ns
tAVS
Address Advance
2.5
2.5
2.5
2.5
2.5
ns
Setup Time
tAH
Address Hold Time
0.5
0.5
0.5
0.5
0.5
ns
tSH
Address Status
0.5
0.5
0.5
0.5
0.5
ns
Hold Time
tDH
Data In Hold Time
0.5
0.5
0.5
0.5
0.5
ns
tWH
Write Hold Time
0.5
0.5
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold Time
0.5
0.5
0.5
0.5
0.5
ns
tAVH
Address Advance
0.5
0.5
0.5
0.5
0.5
ns
Hold Time
tCFG
Configuration Setup(1)
25
35
45
52
60
ns
Notes:
1. Configuration signal MODE is static and must not change during normal operation.


Similar Part No. - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results

Similar Description - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C632A ICSI-IS61C632A Datasheet
486Kb / 16P
   32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com