Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV632A Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61LV632A
Description  32K x 32 SYNCHRONOUS FAST STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV632A Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61LV632A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IS61LV632A
ISSI®
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
04/17/01
OPERATING RANGE
Range
Ambient Temperature
VCC
VCCQ
Commercial
0°C to +70°C
3.3V ±5%
2.375V min., 3.465V max.
Industrial
–40°C to +85°C
3.3V ±5%
2.375V min., 3.465V max.
DC ELECTRICAL CHARACTERISTICS(1) (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = –1.0 mA
2.0
V
VOL
Output LOW Voltage
IOL = 1.0 mA
0.4
V
VIH
Input HIGH Voltage
1.7
VCCQ + 0.3
V
VIL
Input LOW Voltage
–0.3
0.7
V
ILI
Input Leakage Current
GND - VIN - VCCQ(2)
Com.
–55
µA
Ind.
–10
10
ILO
Output Leakage Current
GND - VOUT - VCCQ,
OE = VIH
Com.
–55
µA
Ind.
–10
10
POWER SUPPLY CHARACTERISTICS (Over Operating Range)
-4-5-6-7-8
Sym. Parameter
Test Conditions
Typ. Max.
Typ. Max.
Typ. Max.
Typ. Max.
Typ. Max.
Unit
ICC
AC Operating
Device Selected,
Com.
150 180
140 170
130 160
120 150
110 140
mA
Supply Current
All Inputs = VIL or VIH
Ind.
——
——
140 170
130 160
120 150
mA
OE = VIH,
Cycle Time • tKC min.
ISB
Standby Current
Device Deselected,
Com.
15
45
15
45
15
45
15
45
15
45
mA
VCC = Max.,
Ind.
——
——
20
50
20
50
20
50
mA
All Inputs = VIH or VIL
CLK Cycle Time • tKC min.
IZZ
Power-Down Mode ZZ = VCCQ, CLK Running
Com.
1
10
1
10
1
10
1
10
1
10
mA
Current
All Inputs - GND + 0.2V
Ind.
——
——
220
2
20
220
mA
or • VCC – 0.2V
Note:
1. MODE pin has an internal pull-up. ZZ pin has an internal pull-down. These pins may be a No Connect,
tied to GND, or tied to VCCQ.
2. MODE pin should be tied to Vcc or GND. It exhibits ±10 µA maximum leakage current
when tied to - GND + 0.2V or • Vcc – 0.2V.


Similar Part No. - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results

Similar Description - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C632A ICSI-IS61C632A Datasheet
486Kb / 16P
   32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com