Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV632A Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61LV632A
Description  32K x 32 SYNCHRONOUS FAST STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV632A Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61LV632A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IS61LV632A
ISSI®
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
04/17/01
TRUTH TABLE
ADDRESS
OPERATION
USED
CE1
CE2
CE3
ADSP ADSC
ADV WRITE
OE
DQ
Deselected, Power-down
None
H
X
X
X
L
X
X
X
High-Z
Deselected, Power-down
None
L
L
X
L
XXXX
High-Z
Deselected, Power-down
None
L
X
H
L
XXXX
High-Z
Deselected, Power-down
None
L
L
X
H
L
X
X
X
High-Z
Deselected, Power-down
None
L
X
H
H
L
X
X
X
High-Z
Read Cycle, Begin Burst
External
L
H
L
L
X
X
X
L
Q
Read Cycle, Begin Burst
External
L
H
L
L
X
X
X
H
High-Z
Write Cycle, Begin Burst
External
L
H
L
H
L
X
L
X
D
Read Cycle, Begin Burst
External
L
H
L
H
L
X
H
L
Q
Read Cycle, Begin Burst
External
L
H
L
H
L
X
H
H
High-Z
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
L
Q
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
H
High-Z
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
L
Q
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
H
High-Z
Write Cycle, Continue Burst
Next
X
X
X
H
H
L
L
X
D
Write Cycle, Continue Burst
Next
H
X
X
X
H
L
L
X
D
Read Cycle, Suspend Burst
Current
X
X
X
HHHH
L
Q
Read Cycle, Suspend Burst
Current
X
X
X
HHHHH
High-Z
Read Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
L
Q
Read Cycle, Suspend Burst
Current
H
X
X
X
HHHH
High-Z
Write Cycle, Suspend Burst
Current
X
X
X
H
H
H
L
X
D
Write Cycle, Suspend Burst
Current
H
X
X
X
H
H
L
X
D
Notes:
1. All inputs except
OE must meet setup and hold times for the Low-to-High transition of clock (CLK).
2. Wait states are inserted by suspending burst.
3. X means don't care.
WRITE=L means any one or more byte write enable signals (BW1-BW4) and BWE are LOW or GW is LOW.
WRITE=H means all byte write enable signals are HIGH.
4. For a Write operation following a Read operation,
OE must be HIGH before the input data required setup time and held HIGH
throughout the input data hold time.
5.
ADSP LOW always initiates an internal READ at the Low-to-High edge of clock. A WRITE is performed by setting one or more
byte write enable signals and
BWE LOW or GW LOW for the subsequent L-H edge of clock.
PARTIAL TRUTH TABLE
FUNCTION
GW
BWE
BW1
BW2
BW3
BW4
READ
H
H
X
X
X
X
READ
H
X
H
H
H
H
WRITE Byte 1
H
L
L
H
H
H
WRITE All Bytes
X
LLLL
L
WRITE All Bytes
L
XXXX
X


Similar Part No. - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results

Similar Description - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C632A ICSI-IS61C632A Datasheet
486Kb / 16P
   32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com