Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV632A Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61LV632A
Description  32K x 32 SYNCHRONOUS FAST STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV632A Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61LV632A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IS61LV632A
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. A
04/17/01
PIN CONFIGURATION
100-Pin TQFP and PQFP (Top View)
NC
DQ16
DQ15
VCCQ
GNDQ
DQ14
DQ13
DQ12
DQ11
GNDQ
VCCQ
DQ10
DQ9
GND
NC
VCC
ZZ
DQ8
DQ7
VCCQ
GNDQ
DQ6
DQ5
DQ4
DQ3
GNDQ
VCCQ
DQ2
DQ1
NC
NC
DQ17
DQ18
VCCQ
GNDQ
DQ19
DQ20
DQ21
DQ22
GNDQ
VCCQ
DQ23
DQ24
NC
VCC
NC
GND
DQ25
DQ26
VCCQ
GNDQ
DQ27
DQ28
DQ29
DQ30
GNDQ
VCCQ
DQ31
DQ32
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PIN DESCRIPTIONS
A0-A14
Address Inputs
CLK
Clock
ADSP
Processor Address Status
ADSC
Controller Address Status
ADV
Burst Address Advance
BW1-BW4
Synchronous Byte Write Enable
BWE
Byte Write Enable
GW
Global Write Enable
CE1, CE2, CE3
Synchronous Chip Enable
OE
Output Enable
DQ1-DQ32
Data Input/Output
ZZ
Sleep Mode
MODE
Burst Sequence Mode
VCC
+3.3V Power Supply
GND
Ground
VCCQ
Isolated Output Buffer Supply:
+2.5V
GNDQ
Isolated Output Buffer Ground


Similar Part No. - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results

Similar Description - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C632A ICSI-IS61C632A Datasheet
486Kb / 16P
   32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com