Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV632A Datasheet(PDF) 16 Page - Integrated Silicon Solution, Inc

Part # IS61LV632A
Description  32K x 32 SYNCHRONOUS FAST STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV632A Datasheet(HTML) 16 Page - Integrated Silicon Solution, Inc

Back Button IS61LV632A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 16Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
IS61LV632A
ISSI®
16
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
04/17/01
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part Number
Package
4
IS61LV632A-4TQ
TQFP
4
IS61LV632A-4PQ
PQFP
5
IS61LV632A-5TQ
TQFP
5
IS61LV632A-5PQ
PQFP
6
IS61LV632A-6TQ
TQFP
6
IS61LV632A-6PQ
PQFP
7
IS61LV632A-7TQ
TQFP
7
IS61LV632A-7PQ
PQFP
8
IS61LV632A-8TQ
TQFP
8
IS61LV632A-8PQ
PQFP
Industrial Range: –40°C to +85°C
Speed (ns)
Order Part Number
Package
6
IS61LV632A-6TQI
TQFP
6
IS61LV632A-6PQI
PQFP
7
IS61LV632A-7TQI
TQFP
7
IS61LV632A-7PQI
PQFP
8
IS61LV632A-8TQI
TQFP
8
IS61LV632A-8PQI
PQFP
ISSI®
Integrated Silicon Solution, Inc.
2231 Lawson Lane
Santa Clara, CA 95054
Tel: 1-800-379-4774
Fax: (408) 588-0806
E-mail: sales@issi.com
www.issi.com


Similar Part No. - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results

Similar Description - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
32K x 8 Bit Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
32K x 8 Bit Fast Static RAM
logo
Integrated Circuit Solu...
IS61C632A ICSI-IS61C632A Datasheet
486Kb / 16P
32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com