Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV632A Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # IS61LV632A
Description  32K x 32 SYNCHRONOUS FAST STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV632A Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button IS61LV632A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61LV632A Datasheet HTML 16Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
IS61LV632A
ISSI®
12
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
04/17/01
READ/WRITE CYCLE SWITCHING CHARACTERISTICS (Over Operating Range)
-4
-5
-6
-7
-8
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min.
Max.
Unit
tKC
Cycle Time
8
10
12
13
15
ns
tKH
Clock High Time
4
4
4
6
6
ns
tKL
Clock Low Time
4
4
4
6
6
ns
tKQ
Clock Access Time
4
5
6
7
8ns
tKQX(2)
Clock High to
1.5
1.5
1.5
2
2
ns
Output Invalid
tKQLZ(2,3)
Clock High to
0
0
0
0
0
ns
Output Low-Z
tKQHZ(2,3)
Clock High to
1.5
4
1.5
5
1.5
5
2
6
2
6
ns
Output High-Z
tOEQ
Output Enable to
4.5
4.8
6
6
6ns
Output Valid
tOEQX(2)
Output Disable to
0
0
0
0
ns
Output Invalid
tOELZ(2,3)
Output Enable to
0
0
0
0
ns
Output Low-Z
tOEHZ(2,3)
Output Disable to
4.5
4.8
6
6
6ns
Output High-Z
tAS
Address Setup Time
2.5
2.5
2.5
2.5
2.5
ns
tSS
Address Status
2.5
2.5
2.5
2.5
2.5
ns
Setup Time
tWS
Write Setup Time
2.5
2.5
2.5
2.5
2.5
ns
tCES
Chip Enable Setup Time 2.5
2.5
2.5
2.5
2.5
ns
tAH
Address Hold Time
0.5
0.5
0.5
0.5
0.5
ns
tSH
Address Status
0.5
0.5
0.5
0.5
0.5
ns
Hold Time
tWH
Write Hold Time
0.5
0.5
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold Time
0.5
0.5
0.5
0.5
0.5
ns
tCFG
Configuration Setup(1)
25
35
45
52
60
ns
Notes:
1. Configuration signal MODE is static and must not change during normal operation.
2. Guaranteed but not 100% tested. This parameter is periodically sampled.
3. Tested with the load in Figure 2.


Similar Part No. - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results

Similar Description - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C632A ICSI-IS61C632A Datasheet
486Kb / 16P
   32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com