Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF25636A Datasheet(PDF) 29 Page - Integrated Silicon Solution, Inc

Part # IS61LF25636A
Description  256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF25636A Datasheet(HTML) 29 Page - Integrated Silicon Solution, Inc

Back Button IS61LF25636A Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 32Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
29
Rev. A
05/04/05
ISSI®
IS61LF25636A IS61LF51218A IS61VF25636A IS61VF51218A
ORDERING INFORMATION (VDD = 2.5V /VDDQ = 2.5V)
Commercial Range: 0°C to +70°C
Configuration
Access Time
Order Part Number
Package(1)
256Kx36
6.5
IS61VF25636A-6.5TQ
100 TQFP, 3CE
IS61VF25636A-6.5B2
119 PBGA
IS61VF25636A-6.5B3
165 PBGA
256Kx36
7.5
IS61VF25636A-7.5TQ
100 TQFP, 3CE
IS61VF25636A-7.5B2
119 PBGA
IS61VF25636A-7.5B3
165 PBGA
512Kx18
6.5
IS61VF51218A-6.5TQ
100 TQFP, 3CE
IS61VF51218A-6.5B2
119 PBGA
IS61VF51218A-6.5B3
165 PBGA
512Kx18
7.5
IS61VF51218A-7.5TQ
100 TQFP, 3CE
IS61VF51218A-7.5B2
119 PBGA
IS61VF51218A-7.5B3
165 PBGA
Industrial Range: -40°C to +85°C
Configuration
Access Time
Order Part Number
Package(1)
256Kx36
6.5
IS61VF25636A-6.5TQI
100 TQFP, 3CE
IS61VF25636A-6.5B2I
119 PBGA
IS61VF25636A-6.5B3I
165 PBGA
256Kx36
7.5
IS61VF25636A-7.5TQI
100 TQFP, 3CE
IS61VF25636A-7.5B2I
119 PBGA
IS61VF25636A-7.5B3I
165 PBGA
512Kx18
6.5
IS61VF51218A-6.5TQI
100 TQFP, 3CE
IS61VF51218A-6.5B2I
119 PBGA
IS61VF51218A-6.5B3I
165 PBGA
512Kx18
7.5
IS61VF51218A-7.5TQI
100 TQFP, 3CE
IS61VF51218A-7.5B2I
119 PBGA
IS61VF51218A-7.5B3I
165 PBGA
Note:
1. For 100 TQFP, 2CE option contact SRAM Marketing at sram@issi.com


Similar Part No. - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com