Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF25636A Datasheet(PDF) 25 Page - Integrated Silicon Solution, Inc

Part # IS61LF25636A
Description  256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF25636A Datasheet(HTML) 25 Page - Integrated Silicon Solution, Inc

Back Button IS61LF25636A Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 29Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
25
Rev. A
05/04/05
ISSI®
IS61LF25636A IS61LF51218A IS61VF25636A IS61VF51218A
119 BGA BOUNDARY SCAN ORDER (256K X 36)
Signal Bump
Signal Bump
Signal Bump
Signal Bump
Bit #
Name
ID
Bit #
Name
ID
Bit #
Name
ID
Bit #
Name
ID
1
A
2R
19
DQb
7G
37
BWa
5L
55
DQd
2K
2
A
3T
20
DQb
6F
38
BWb
5G
56
DQd
1L
3
A
4T
21
DQb
7E
39
BWc
3G
57
DQd
2M
4
A
5T
22
DQb
7D
40
BWd
3L
58
DQd
1N
5
A
6R
23
DQb
7H
41
CE2
2B
59
DQd
1P
6
A
3B
24
DQb
6G
42
CE
4E
60
DQd
1K
7
A
5B
25
DQb
6E
43
A
3A
61
DQd
2L
8
DQa
6P
26
DQb
6D
44
A
2A
62
DQd
2N
9
DQa
7N
27
A
6A
45
DQc
2D
63
DQd
2P
10
DQa
6M
28
A
5A
46
DQc
1E
64
MODE
3R
11
DQa
7L
29
ADV
4G
47
DQc
2F
65
A
2C
12
DQa
6K
30
ADSP
4A
48
DQc
1G
66
A
3C
13
DQa
7P
31
ADSC
4B
49
DQc
2H
67
A
5C
14
DQa
6N
32
OE
4F
50
DQc
1D
68
A
6C
15
DQa
6L
33
BWE
4M
51
DQc
2E
69
A1
4N
16
DQa
7K
34
GW
4H
52
DQc
2G
70
A0
4P
17
ZZ
7T
35
CLK
4K
53
DQc
1H
18
DQb
6H
36
A
6B
54
NC
5R
119 BGA BOUNDARY SCAN ORDER (512K X 18)
Signal Bump
Signal Bump
Signal Bump
Signal Bump
Bit #
Name
ID
Bit #
Name
ID
Bit #
Name
ID
Bit #
Name
ID
1
A
2R
14
DQa
7G
27
CLK
4K
40
DQb
2K
2
A
2T
15
DQa
6F
28
A
6B
41
DQb
1L
3
A
3T
16
DQa
7E
29
BWa
5L
42
DQb
2M
4
A
5T
17
DQa
6D
30
BWb
3G
43
DQb
1N
5
A
6R
18
A
6T
31
CE2
2B
44
DQb
2P
6A
3B
19
A
6A
32
CE
4E
45
MODE
3R
7
A
5B
20
A
5A
33
A
3A
46
A
2C
8
DQa
7P
21
ADV
4G
34
A
2A
47
A
3C
9
DQa
6N
22
ADSP
4A
35
DQb
1D
48
A
5C
10
DQa
6L
23
ADSC
4B
36
DQb
2E
49
A
6C
11
DQa
7K
24
OE
4F
37
DQb
2G
50
A1
4N
12
ZZ
7T
25
BWE
4M
38
DQb
1H
51
A0
4P
13
DQa
6H
26
GW
4H
39
NC
5R


Similar Part No. - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com