Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF25636A Datasheet(PDF) 23 Page - Integrated Silicon Solution, Inc

Part # IS61LF25636A
Description  256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF25636A Datasheet(HTML) 23 Page - Integrated Silicon Solution, Inc

Back Button IS61LF25636A Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 27Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
23
Rev. A
05/04/05
ISSI®
IS61LF25636A IS61LF51218A IS61VF25636A IS61VF51218A
TAP Electrical Characteristics Over the Operating Range(1,2)
Symbol
Parameter
Test Conditions
Min.
Max.
Units
VOH1
Output HIGH Voltage
IOH = –2.0 mA
1.7
V
VOH2
Output HIGH Voltage
IOH = –100
µA
2.1
V
VOL1
Output LOW Voltage
IOL = 2.0 mA
0.7
V
VOL2
Output LOW Voltage
IOL = 100
µA
0.2
V
VIH
Input HIGH Voltage
1.7
VDD +0.3
V
VIL
Input LOW Voltage
IOLT = 2mA
–0.3
0.7
V
IX
Input Load Current
Vss
≤ V I ≤ VDDQ
–5
5
mA
Notes:
1. All Voltage referenced to Ground.
2. Overshoot: VIH (AC)
≤ VDD +1.5V for t
tTCYC/2,
Undershoot: Vil (AC)
0.5V for t tTCYC/2,
Power-up: VIH < 2.6V and VDD < 2.4V and VDDQ < 1.4V for t < 200 ms.
TAP AC ELECTRICAL CHARACTERISTICS(1,2) (OVER OPERATING RANGE)
Symbol Parameter
Min.
Max.
Unit
tTCYC
TCK Clock cycle time
100
ns
fTF
TCK Clock frequency
10
MHz
tTH
TCK Clock HIGH
40
ns
tTL
TCK Clock LOW
40
ns
tTMSS
TMS setup to TCK Clock Rise
10
ns
tTDIS
TDI setup to TCK Clock Rise
10
ns
tCS
Capture setup to TCK Rise
10
ns
tTMSH
TMS hold after TCK Clock Rise
10
ns
tTDIH
TDI Hold after Clock Rise
10
ns
tCH
Capture hold after Clock Rise
10
ns
tTDOV
TCK LOW to TDO valid
20
ns
tTDOX
TCK LOW to TDO invalid
0
ns
Notes:
1. Both tCS and tCH refer to the set-up and hold time requirements of latching data from the boundary scan register.
2. Test conditions are specified using the load in TAP AC test conditions. tR/tF = 1 ns.


Similar Part No. - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com