Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF25636A Datasheet(PDF) 21 Page - Integrated Silicon Solution, Inc

Part # IS61LF25636A
Description  256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF25636A Datasheet(HTML) 21 Page - Integrated Silicon Solution, Inc

Back Button IS61LF25636A Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 25Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
21
Rev. A
05/04/05
ISSI®
IS61LF25636A IS61LF51218A IS61VF25636A IS61VF51218A
TAP INSTRUCTION SET
Eight instructions are possible with the three-bit instruction
register and all combinations are listed in the Instruction
Code table. Three instructions are listed as RESERVED
and should not be used and the other five instructions are
described below. The TAP controller used in this SRAM is
not fully compliant with the 1149.1 convention because
some mandatory instructions are not fully implemented.
The TAP controller cannot be used to load address, data or
control signals and cannot preload the Input or Output
buffers. The SRAM does not implement the 1149.1 com-
mands EXTEST or INTEST or the PRELOAD portion of
SAMPLE/PRELOAD; instead it performs a capture of the
Inputs and Output ring when these instructions are executed.
Instructions are loaded into the TAP controller during the
Shift-IR state when the instruction register is placed be-
tween TDI and TDO. During this state, instructions are
shifted from the instruction register through the TDI and
TDO pins. To execute an instruction once it is shifted in,
the TAP controller must be moved into the Update-IR
state.
EXTEST
EXTEST is a mandatory 1149.1 instruction which is to be
executed whenever the instruction register is loaded with
all 0s. Because EXTEST is not implemented in the TAP
controller, this device is not 1149.1 standard compliant.
The TAP controller recognizes an all-0 instruction. When
an EXTEST instruction is loaded into the instruction regis-
ter, the SRAM responds as if a SAMPLE/PRELOAD
instruction has been loaded. There is a difference between
the instructions, unlike the SAMPLE/PRELOAD instruction,
EXTEST places the SRAM outputs in a High-Z state.
IDCODE
The IDCODE instruction causes a vendor-specific, 32-bit
code to be loaded into the instruction register. It also
places the instruction register between the TDI and TDO
pins and allows the IDCODE to be shifted out of the device
when the TAP controller enters the Shift-DR state. The
IDCODE instruction is loaded into the instruction register
upon power-up or whenever the TAP controller is given a
test logic reset state.
SAMPLE-Z
The SAMPLE-Z instruction causes the boundary scan
register to be connected between the TDI and TDO pins
when the TAP controller is in a Shift-DR state. It also
places all SRAM outputs into a High-Z state.
SAMPLE/PRELOAD
SAMPLE/PRELOAD is a 1149.1 mandatory instruction.
The PRELOAD portion of this instruction is not imple-
mented, so the TAP controller is not fully 1149.1 compli-
ant. When the SAMPLE/PRELOAD instruction is loaded
to the instruction register and the TAP controller is in the
Capture-DR state, a snapshot of data on the inputs and
output pins is captured in the boundary scan register.
It is important to realize that the TAP controller clock
operates at a frequency up to 10 MHz, while the SRAM
clock runs more than an order of magnitude faster. Be-
cause of the clock frequency differences, it is possible that
during the Capture-DR state, an input or output will under-
go a transition. The TAP may attempt a signal capture
while in transition (metastable state). The device will not
be harmed, but there is no guarantee of the value that will
be captured or repeatable results.
To guarantee that the boundary scan register will capture
the correct signal value, the SRAM signal must be stabi-
lized long enough to meet the TAP controller’s capture set-
up plus hold times (tCS and tCH). To insure that the SRAM
clock input is captured correctly, designs need a way to
stop (or slow) the clock during a SAMPLE/PRELOAD
instruction. If this is not an issue, it is possible to capture
all other signals and simply ignore the value of the CLK and
CLK captured in the boundary scan register.
Once the data is captured, it is possible to shift out the data
by putting the TAP into the Shift-DR state. This places the
boundary scan register between the TDI and TDO pins.
Note that since the PRELOAD part of the command is not
implemented, putting the TAP into the Update to the Update-DR
state while performing a SAMPLE/PRELOAD instruction will
have the same effect as the Pause-DR command.
BYPASS
When the BYPASS instruction is loaded in the instruction
register and the TAP is placed in a Shift-DR state, the
bypass register is placed between the TDI and TDO pins.
The advantage of the BYPASS instruction is that it short-
ens the boundary scan path when multiple devices are
connected together on a board.
RESERVED
These instructions are not implemented but are reserved
for future use. Do not use these instructions.


Similar Part No. - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com