Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF25636A Datasheet(PDF) 20 Page - Integrated Silicon Solution, Inc

Part # IS61LF25636A
Description  256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF25636A Datasheet(HTML) 20 Page - Integrated Silicon Solution, Inc

Back Button IS61LF25636A Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 24Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
05/04/05
ISSI®
IS61LF25636A IS61LF51218A IS61VF25636A IS61VF51218A
TEST DATA OUT (TDO)
The TDO output pin is used to serially clock data-out from
the registers. The output is active depending on the
current state of the TAP state machine (see TAP Controller
State Diagram). The output changes on the falling edge of
TCK and TDO is connected to the Least Significant Bit
(LSB) of any register.
PERFORMING A TAP RESET
A Reset is performed by forcing TMS HIGH (VDD) for five
rising edges of TCK. RESET may be performed while the
SRAM is operating and does not affect its operation. At
power-up, the TAP is internally reset to ensure that TDO
comes up in a high-Z state.
TAP REGISTERS
Registers are connected between the TDI and TDO pins
and allow data to be scanned into and out of the SRAM test
circuitry. Only one register can be selected at a time
through the instruction registers. Data is serially loaded
into the TDI pin on the rising edge of TCK and output on the
TDO pin on the falling edge of TCK.
Instruction Register
Three-bit instructions can be serially loaded into the in-
struction register. This register is loaded when it is placed
between the TDI and TDO pins. (See TAP Controller Block
Diagram) At power-up, the instruction register is loaded
with the IDCODE instruction. It is also loaded with the
IDCODE instruction if the controller is placed in a reset
state as previously described.
When the TAP controller is in the CaptureIR state, the two
least significant bits are loaded with a binary “01” pattern
to allow for fault isolation of the board level serial test path.
Bypass Register
To save time when serially shifting data through registers,
it is sometimes advantageous to skip certain states. The
bypass register is a single-bit register that can be placed
between TDI and TDO pins. This allows data to be shifted
through the SRAM with minimal delay. The bypass register
is set LOW (Vss) when the BYPASS instruction is ex-
ecuted.
Boundary Scan Register
The boundary scan register is connected to all input and
output pins on the SRAM. Several no connect (NC) pins are
also included in the scan register to reserve pins for higher
density devices. The x36 configuration has a 75-bit-long
register and the x18 configuration also has a 75-bit-long
register. The boundary scan register is loaded with the
contents of the RAM Input and Output ring when the TAP
controller is in the Capture-DR state and then placed
between the TDI and TDO pins when the controller is moved
to the Shift-DR state. The EXTEST, SAMPLE/PRELOAD
and SAMPLE-Z instructions can be used to capture the
contents of the Input and Output ring.
The Boundary Scan Order tables show the order in which
the bits are connected. Each bit corresponds to one of the
bumps on the SRAM package. The MSB of the register is
connected to TDI, and the LSB is connected to TDO.
Identification (ID) Register
The ID register is loaded with a vendor-specific, 32-bit
code during the Capture-DR state when the IDCODE
command is loaded to the instruction register. The IDCODE
is hardwired into the SRAM and can be shifted out when
the TAP controller is in the Shift-DR state. The ID register
has vendor code and other information described in the
Identification Register Definitions table.
Scan Register Sizes
Register Name
Bit Size
Bit Size
(x18)
(x36)
Instruction
3
3
Bypass
1
1
ID
32
32
Boundary Scan
75
75
IDENTIFICATION REGISTER DEFINITIONS
Instruction Field
Description
256K x 36
512K x 18
Revision Number (31:28)
Reserved for version number.
xxxx
xxxx
Device Depth (27:23)
Defines depth of SRAM. 256K or 512K
00111
01000
Device Width (22:18)
Defines with of the SRAM. x36 or x18
00100
00011
ISSI Device ID (17:12)
Reserved for future use.
xxxxx
xxxxx
ISSI JEDEC ID (11:1)
Allows unique identification of SRAM vendor.
00011010101
00011010101
ID Register Presence (0)
Indicate the presence of an ID register.
1
1


Similar Part No. - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com