Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF25636A Datasheet(PDF) 19 Page - Integrated Silicon Solution, Inc

Part # IS61LF25636A
Description  256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF25636A Datasheet(HTML) 19 Page - Integrated Silicon Solution, Inc

Back Button IS61LF25636A Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 23Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
19
Rev. A
05/04/05
ISSI®
IS61LF25636A IS61LF51218A IS61VF25636A IS61VF51218A
IEEE 1149.1 SERIAL BOUNDARY SCAN (JTAG)
The IS61LF/VF25636A and IS61LF/VF51218A have a
serial boundary scan Test Access Port (TAP) in the PBGA
package only. This port operates in accordance with IEEE
Standard 1149.1-1900, but does not include all functions
required for full 1149.1 compliance. These functions from
the IEEE specification are excluded because they place
added delay in the critical speed path of the SRAM. The
TAP controller operates in a manner that does not conflict
with the performance of other devices using 1149.1 fully
compliant TAPs. The TAP operates using JEDEC stan-
dard 2.5V I/O logic levels.
DISABLING THE JTAG FEATURE
The SRAM can operate without using the JTAG feature.
To disable the TAP controller, TCK must be tied LOW
(Vss) to prevent clocking of the device. TDI and TMS are
internally pulled up and may be disconnected. They may
alternately be connected to VDD through a pull-up resistor.
TDO should be left disconnected. On power-up, the de-
vice will start in a reset state which will not interfere with the
device operation.
TEST ACCESS PORT (TAP) - TEST CLOCK
The test clock is only used with the TAP controller. All
inputs are captured on the rising edge of TCK and outputs
are driven from the falling edge of TCK.
TEST MODE SELECT (TMS)
The TMS input is used to send commands to the TAP
controller and is sampled on the rising edge of TCK. This
pin may be left disconnected if the TAP is not used. The pin
is internally pulled up, resulting in a logic HIGH level.
TEST DATA-IN (TDI)
The TDI pin is used to serially input information to the
registers and can be connected to the input of any register.
The register between TDI and TDO is chosen by the
instruction loaded into the TAP instruction register. For
information on instruction register loading, see the TAP
Controller State Diagram. TDI is internally pulled up and
can be disconnected if the TAP is unused in an application.
TDI is connected to the Most Significant Bit (MSB) on any
register.
31 30 29
. . . 2 1 0
2
1
0
0
x
. . . . . 2 1 0
Bypass Register
Instruction Register
Identification Register
Boundary Scan Register*
TAP CONTROLLER
Selection Circuitry
Selection Circuitry
TDO
TDI
TCK
TMS
TAP CONTROLLER BLOCK DIAGRAM


Similar Part No. - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com