Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF25636A Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # IS61LF25636A
Description  256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF25636A Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button IS61LF25636A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61LF25636A Datasheet HTML 16Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
05/04/05
ISSI®
IS61LF25636A IS61LF51218A IS61VF25636A IS61VF51218A
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
6.5
7.5
MAX
MAX
Symbol
Parameter
Test Conditions
Temp. range
x18
x36
x18
x36
Unit
ICC
AC Operating
Device Selected,
Com.
185
185
175
175
mA
Supply Current
OE = VIH, ZZ
≤ VIL,
Ind.
190
190
185
185
All Inputs
≤ 0.2V or ≥ VDD – 0.2V,
Cycle Time
≥ tKC min.
ISB
Standby Current
Device Deselected,
Com.
140
140
140
140
mA
TTL Input
VDD = Max.,
Ind.
150
150
150
150
All Inputs
≤ VIL or ≥ VIH,
ZZ
≤ VIL, f = Max.
ISBI
Standby Current
Device Deselected,
Com.
80
80
80
80
mA
CMOS Input
VDD = Max.,
Ind.
85
85
85
85
VIN
≤ VSS + 0.2V or ≥VDD – 0.2V
f = 0
ISB2
Sleep Mode
ZZ>VIH
Com.
45
45
45
45
mA
Ind.
50
50
50
50
Note:
1. MODE pin has an internal pullup and should be tied to VDD or VSS. It exhibits ±100 µA maximum leakage current when tied to
VSS + 0.2V or
≥ VDD – 0.2V.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
3.3V
2.5V
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = –4.0 mA (3.3V)
2.4
2.0
V
IOH = –1.0 mA
(2.5V)
VOL
Output LOW Voltage
IOL = 8.0 mA (3.3V)
0.4
0.4
V
IOL = 1.0 mA (2.5V)
VIH
Input HIGH Voltage
2.0
VDD + 0.3
1.7
VDD + 0.3
V
VIL
Input LOW Voltage
–0.3
0.8
–0.3
0.7
V
ILI
Input Leakage Current
VSS
≤ VIN ≤ VDD(1)
–5
5
–5
5
µA
ILO
Output Leakage Current
VSS
≤ VOUT ≤ VDDQ, OE = VIH
–5
5
–5
5
µA
OPERATING RANGE (IS61LFxxxxx)
Range
Ambient Temperature
VDD
VDDQ
Commercial
0°C to +70°C
3.3V ± 5%
3.3V/2.5V ± 5%
Industrial
-40°C to +85°C
3.3V ± 5%
3.3V/2.5V ± 5%
OPERATING RANGE (IS61VFxxxxx)
Range
Ambient Temperature
VDD
VDDQ
Commercial
0°C to +70°C
2.5V ± 5%
2.5V ± 5%
Industrial
-40°C to +85°C
2.5V ± 5%
2.5V ± 5%


Similar Part No. - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com