Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF12832A Datasheet(PDF) 22 Page - Integrated Silicon Solution, Inc

Part # IS61LF12832A
Description  128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF12832A Datasheet(HTML) 22 Page - Integrated Silicon Solution, Inc

Back Button IS61LF12832A Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 25Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. 00A
08/11/05
ISSI®
IS61(64)LF12832A, IS61(64)LF12836A, IS61(64)LF25618A
IS64VF12832A, IS61(64)VF12836A, IS61(64)VF25618A
ORDERING INFORMATION (VDD = 2.5V /VDDQ = 2.5V)
Commercial Range: 0°C to +70°C
Configuration
Access Time
Order Part Number
Package
128Kx36
6.5
IS61VF12836A-6.5TQ
100 TQFP
IS61VF12836A-6.5B2
119 PBGA
IS61VF12836A-6.5B3
165 PBGA
128Kx36
7.5
IS61VF12836A-7.5TQ
100 TQFP
IS61VF12836A-7.5B2
119 PBGA
IS61VF12836A-7.5B3
165 PBGA
256Kx18
6.5
IS61VF25618A-6.5TQ
100 TQFP
IS61VF25618A-6.5B2
119 PBGA
IS61VF25618A-6.5B3
165 PBGA
256Kx18
7.5
IS61VF25618A-7.5TQ
100 TQFP
IS61VF25618A-7.5B2
119 PBGA
IS61VF25618A-7.5B3
165 PBGA
Industrial Range: -40°C to +85°C
Configuration
Access Time
Order Part Number
Package
128Kx36
6.5
IS61VF12836A-6.5TQI
100 TQFP
IS61VF12836A-6.5B2I
119 PBGA
IS61VF12836A-6.5B3I
165 PBGA
128Kx36
7.5
IS61VF12836A-7.5TQI
100 TQFP
IS61VF12836A-7.5B2I
119 PBGA
IS61VF12836A-7.5B3I
165 PBGA
256Kx18
6.5
IS61VF25618A-6.5TQI
100 TQFP
IS61VF25618A-6.5B2I
119 PBGA
IS61VF25618A-6.5B3I
165 PBGA
256Kx18
7.5
IS61VF25618A-7.5TQI
100 TQFP
IS61VF25618A-7.5B2I
119 PBGA
IS61VF25618A-7.5B3I
165 PBGA
Automotive Range: -40°C to +125°C
Configuration
Access Time
Order Part Number
Package
128Kx32
7.5
IS64VF12832A-7.5TQLA3
100 TQFP, Lead-free
128Kx36
7.5
IS64VF12836A-7.5TQA3
100 TQFP
256Kx18
7.5
IS64VF25618A-7.5TQA3
100 TQFP


Similar Part No. - IS61LF12832A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF12832EC-6.5B2 ISSI-IS61LF12832EC-6.5B2 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF12832EC-6.5B2I ISSI-IS61LF12832EC-6.5B2I Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF12832EC-6.5B2L ISSI-IS61LF12832EC-6.5B2L Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF12832EC-6.5B2LI ISSI-IS61LF12832EC-6.5B2LI Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF12832EC-6.5B3 ISSI-IS61LF12832EC-6.5B3 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
More results

Similar Description - IS61LF12832A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Micron Technology
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Motorola, Inc
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
   256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com