Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF12832A Datasheet(PDF) 13 Page - Integrated Silicon Solution, Inc

Part # IS61LF12832A
Description  128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF12832A Datasheet(HTML) 13 Page - Integrated Silicon Solution, Inc

Back Button IS61LF12832A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 17Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
13
Rev. 00A
08/11/05
ISSI®
IS61(64)LF12832A, IS61(64)LF12836A, IS61(64)LF25618A
IS64VF12832A, IS61(64)VF12836A, IS61(64)VF25618A
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
6.5
7.5
MAX
MAX
Symbol
Parameter
Test Conditions
Temp. range
x18
x32/x36
x18
x32/x36
Unit
ICC
AC Operating
Device Selected,
Com.
175
175
155
155
mA
Supply Current
OE = VIH, ZZ
≤ VIL,
Ind.
180
180
160
160
All Inputs
≤ 0.2V or ≥ VDD – 0.2V, AUTO.
190
190
175
175
Cycle Time
≥ tKC min.
typ.(2)
120
110
ISB
Standby Current
Device Deselected,
Com.
90
90
90
90
mA
TTL Input
VDD = Max.,
Ind.
100
100
100
100
All Inputs
≤ VIL or ≥ VIH,
Auto.
120
120
120
120
ZZ
≤ VIL, f = Max.
ISBI
Standby Current
Device Deselected,
Com.
70
70
70
70
mA
CMOS Input
VDD = Max.,
Ind.
75
75
75
75
VIN
≤ VSS + 0.2V or ≥VDD – 0.2V
Auto.
90
90
90
90
f = 0
typ.
40
40
ISB2
Sleep Mode
ZZ>VIH
Com.
30
30
30
30
mA
Ind.
35
35
35
35
Auto.
45
45
45
45
typ.
25
25
Note:
1. MODE pin has an internal pullup and should be tied to VDD or VSS. It exhibits ±100 µA maximum leakage current when tied to
VSS + 0.2V or
≥ VDD – 0.2V.
2. Typical values are measured at VDD = 3.3V, TA = 25oC and not 100% tested.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, VDD = 3.3V.


Similar Part No. - IS61LF12832A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF12832EC-6.5B2 ISSI-IS61LF12832EC-6.5B2 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF12832EC-6.5B2I ISSI-IS61LF12832EC-6.5B2I Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF12832EC-6.5B2L ISSI-IS61LF12832EC-6.5B2L Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF12832EC-6.5B2LI ISSI-IS61LF12832EC-6.5B2LI Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF12832EC-6.5B3 ISSI-IS61LF12832EC-6.5B3 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
More results

Similar Description - IS61LF12832A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Micron Technology
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Motorola, Inc
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
   256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com