Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF12832A Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # IS61LF12832A
Description  128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF12832A Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button IS61LF12832A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61LF12832A Datasheet HTML 16Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. 00A
08/11/05
ISSI®
IS61(64)LF12832A, IS61(64)LF12836A, IS61(64)LF25618A
IS64VF12832A, IS61(64)VF12836A, IS61(64)VF25618A
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
3.3V
2.5V
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = –4.0 mA (3.3V)
2.4
2.0
V
IOH = –1.0 mA
(2.5V)
VOL
Output LOW Voltage
IOL = 8.0 mA (3.3V)
0.4
0.4
V
IOL = 1.0 mA (2.5V)
VIH
Input HIGH Voltage
2.0
VDD + 0.3
1.7
VDD + 0.3
V
VIL
Input LOW Voltage
–0.3
0.8
–0.3
0.7
V
ILI
Input Leakage Current
VSS
≤ VIN ≤ VDD(1)
–5
5
–5
5
µA
ILO
Output Leakage Current
VSS
≤ VOUT ≤ VDDQ, OE = VIH
–5
5
–5
5
µA
OPERATING RANGE (IS61/64LFxxxxx)
Range
Ambient Temperature
VDD
VDDQ
Commercial
0°C to +70°C
3.3V ± 5%
3.3V/2.5V ± 5%
Industrial
-40°C to +85°C
3.3V ± 5%
3.3V/2.5V ± 5%
Automotive
-40°C to +125°C
3.3V ± 5%
3.3V/2.5V ± 5%
OPERATING RANGE (IS61/64VFxxxxx)
Range
Ambient Temperature
VDD
VDDQ
Commercial
0°C to +70°C
2.5V -5% +10%
2.5V -5% +10%
Industrial
-40°C to +85°C
2.5V -5% +10%
2.5V -5% +10%
Automotive
-40°C to +125°C
2.5V -5% +10%
2.5V -5% +10%


Similar Part No. - IS61LF12832A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF12832EC-6.5B2 ISSI-IS61LF12832EC-6.5B2 Datasheet
2Mb / 36P
128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF12832EC-6.5B2I ISSI-IS61LF12832EC-6.5B2I Datasheet
2Mb / 36P
128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF12832EC-6.5B2L ISSI-IS61LF12832EC-6.5B2L Datasheet
2Mb / 36P
128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF12832EC-6.5B2LI ISSI-IS61LF12832EC-6.5B2LI Datasheet
2Mb / 36P
128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF12832EC-6.5B3 ISSI-IS61LF12832EC-6.5B3 Datasheet
2Mb / 36P
128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
More results

Similar Description - IS61LF12832A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Micron Technology
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
AMIC Technology
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Motorola, Inc
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com