Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3200 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSDL-3200
Description  IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3200 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Recommended Metal Solder Stencil
Aperture
It is recommended that only
0.127 mm (0.005 inches) or 0.11
mm (0.004 inches) thick stencil
be used for solder paste
printing. This is to ensure
adequate printed solder paste
volume and no shorting. The
following combination of metal
stencil aperture and metal
stencil thickness should be used:
w, the width of aperture is fixed
at 0.55 mm (0.022 inches).
Aperture opening for shield pad
is as per land pattern.
Adjacent Land Keepout and Solder
Mask Areas
Adjacent land keep-out is the
maximum space occupied by the
unit relative to the land pattern.
There should be no other SMD
components within this area.
“h” is the minimum solder resist
strip width required to avoid
solder bridging adjacent pads.
It is recommended that two
fiducial crosses be placed at
mid-length of the pads for unit
alignment.
Note: Wet/Liquid Photo-
Imageable solder resist/mask is
recommended.
Recommended Solder Paste/Cream
Volume for Castellation Joints
Based on calculation and
experiment, the printed solder
paste volume required per
castellation pad is 0.22 cubic
mm (based on either no-clean or
aqueous solder cream types with
typically 60% to 65% solid
content by volume). Using the
recommended stencil will result
in this volume of solder paste.
t, nominal stencil thickness
l, length of aperture
mm
inches
mm
inches
0.127
0.005
1.75
± 0.05
0.102
± 0.002
0.11
0.004
2.4
± 0.05
0.118
± 0.002
h
Y
X
m
k
j
DIMENSION
mm
INCHES
h
k
j
m
MIN. 0.2
8.2
2.6
3.0
MIN. 0.008
0.323
0.102
0.118
APERTURES AS PER
LAND DIMENSIONS
l
w
t


Similar Part No. - HSDL-3200

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results

Similar Description - HSDL-3200

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com