Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3200 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HSDL-3200
Description  IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3200 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3200 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Moisture Proof Packaging
The HSDL-3200 is shipped in
moisture proof packaging. Once
opened, moisture absorption
begins.
Solder Pad, Mask and Metal Stencil
HSDL-3200#021 Recommended Land Pattern (Front Option)
METAL STENCIL
FOR SOLDER PASTE
PRINTING
LAND
PATTERN
PCB
STENCIL
APERTURE
SOLDER
MASK
SHIELD SOLDER PAD
a
b
Y
f
d
e
g
Rx LENS
Tx LENS
theta
FIDUCIAL
X
c
8x PAD
FIDUCIAL
DIMENSION
mm
INCHES
a
b
c (PITCH)
d
e
f
g
1.75
0.60
0.95
1.25
2.70
2.20
2.28
0.069
0.024
0.037
0.049
0.106
0.087
0.089
HSDL-3200-028 Recommended Land Pattern (Top Options)
0.60
0.9
;;
;;
2.20
3.625
MOUNTING CENTER
0.575
1.60
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
PITCH 7 x 0.95
;;;
;;
;;
;;
1.275
1.45
Baking should only be done
once.
In Reels
60
°C, t ≥ 48 hours
100
°C, t ≥ 4 hours
In Bulk
125
°C, T ≥ 2 hours
150
°C, T ≥ 1 hour
Time from Unsealing to Soldering
After removal from the bag, the
parts should be soldered within
2 days if stored at the recom-
mended storage conditions. If
times longer than 2 days are
needed, the parts must be stored
in a dry box.
Baking
If the parts are not stored in dry
conditions, they must be baked
before reflow to prevent damage
to the parts.
Recommended Storage Conditions
Storage Temperature
10
°C to 30°C
Relative Humidity
Below 60%


Similar Part No. - HSDL-3200

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results

Similar Description - HSDL-3200

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com