Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-82T1A Datasheet(PDF) 26 Page - ABLIC Inc.

Part # S-82T1A
Description  BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-82T1A Datasheet(HTML) 26 Page - ABLIC Inc.

Back Button S-82T1A Datasheet HTML 22Page - ABLIC Inc. S-82T1A Datasheet HTML 23Page - ABLIC Inc. S-82T1A Datasheet HTML 24Page - ABLIC Inc. S-82T1A Datasheet HTML 25Page - ABLIC Inc. S-82T1A Datasheet HTML 26Page - ABLIC Inc. S-82T1A Datasheet HTML 27Page - ABLIC Inc. S-82T1A Datasheet HTML 28Page - ABLIC Inc. S-82T1A Datasheet HTML 29Page - ABLIC Inc. S-82T1A Datasheet HTML 30Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
S-82T1A Series
Rev.1.0_00
26
Battery Protection IC Connection Example
DO
CO
VM
FET1
FET2
R2
VSS
VINI
R3
R4
Battery C1
AO
Alarm signal
output
R1
VDD
EB
EB
+
Figure 15
Figure 13 Constants for External Components
Symbol
Part
Purpose
Min.
Typ.
Max.
Remark
FET1
N-channel
MOS FET
Discharge control
Threshold voltage
≤ Overdischarge
detection voltage*1
FET2
N-channel
MOS FET
Charge control
Threshold voltage
≤ Overdischarge
detection voltage*1
R1
Resistor
ESD protection,
For power fluctuation
270
Ω
330
Ω
1 k
Ω*2
C1
Capacitor
For power fluctuation
0.068
μF 0.1 μF
1
μF
R2
Resistor
ESD protection,
Protection for reverse
connection of a charger
270
Ω
470
Ω
1.5 k
Ω
R3
Resistor
Overcurrent detection
1.5 m
Ω
R4
Resistor
ESD protection
1 k
Ω
*1. If a FET with a threshold voltage equal to or higher than the overdischarge detection voltage is used, discharging may be
stopped before overdischarge is detected.
*2. Accuracy of overcharge detection voltage is guaranteed by R1 = 330
Ω. Connecting resistors with other values will worsen
the accuracy.
Caution 1. The constants may be changed without notice.
2. It has not been confirmed whether the operation is normal or not in circuits other than the connection
example. In addition, the connection example and the constants do not guarantee proper operation.
Perform thorough evaluation using the actual application to set the constants.


Similar Part No. - S-82T1A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-8200 COOPER-S-8200 Datasheet
129Kb / 2P
1/4 x 11/4 Fuse Blocks
S-8200 COOPER-S-8200 Datasheet
69Kb / 2P
1/4x1-1/4 Fuseblocks
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
S-8000 Series
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
1/4" x 11/4" Fuse Blocks
logo
ABLIC Inc.
S-8200A ABLIC-S-8200A Datasheet
580Kb / 36P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.4.0_03
More results

Similar Description - S-82T1A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82L1A ABLIC-S-82L1A Datasheet
686Kb / 38P
BATTERY PROTECTION IC WITH ALARM FUNTION FOR 1-CELL PACK
Rev.1.3_00
logo
Seiko Instruments Inc
S8250A SII-S8250A Datasheet
736Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
logo
ABLIC Inc.
S-8250A ABLIC-S-8250A Datasheet
552Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.3_03
S-82N1B ABLIC-S-82N1B Datasheet
675Kb / 39P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.2_00
S-82B1B ABLIC-S-82B1B Datasheet
728Kb / 36P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.0_01
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com