Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-82T1A Datasheet(PDF) 20 Page - ABLIC Inc.

Part # S-82T1A
Description  BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-82T1A Datasheet(HTML) 20 Page - ABLIC Inc.

Back Button S-82T1A Datasheet HTML 16Page - ABLIC Inc. S-82T1A Datasheet HTML 17Page - ABLIC Inc. S-82T1A Datasheet HTML 18Page - ABLIC Inc. S-82T1A Datasheet HTML 19Page - ABLIC Inc. S-82T1A Datasheet HTML 20Page - ABLIC Inc. S-82T1A Datasheet HTML 21Page - ABLIC Inc. S-82T1A Datasheet HTML 22Page - ABLIC Inc. S-82T1A Datasheet HTML 23Page - ABLIC Inc. S-82T1A Datasheet HTML 24Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
S-82T1A Series
Rev.1.0_00
20
6.
Charge overcurrent status
When a battery in the normal status is in the status where the VINI pin voltage is equal to or lower than VCIOV because
the charge current is equal to or higher than the specified value and the status continues for the charge overcurrent
detection delay time (tCIOV) or longer, the charge control FET is turned off and charging is stopped. This status is called
the charge overcurrent status.
This IC releases the charge overcurrent status when the discharge current flows and the VM pin voltage is 0.35 V typ.
or higher by removing the charger.
The charge overcurrent detection does not function in the overdischarge status.
7.
0 V battery charge enabled
This function is used to recharge a connected battery whose voltage is 0 V due to self-discharge. When the 0 V battery
charge starting charger voltage (V0CHA) or a higher voltage is applied between the EB
+ and EB− pins by connecting a
charger, the charge control FET gate is fixed to the VDD pin voltage.
When the voltage between the gate and source of the charge control FET becomes equal to or higher than the threshold
voltage due to the charger voltage, the charge control FET is turned on to start charging. At this time, the discharge
control FET is off and the charging current flows through the internal parasitic diode in the discharge control FET. When
the battery voltage becomes equal to or higher than VDL, this IC returns to the normal status.
Caution 1. Some battery providers do not recommend charging for a completely self-discharged lithium-ion
rechargeable battery. It depends on the characteristics of the lithium-ion rechargeable battery to
be used; therefore, please ask the battery provider to determine whether to enable or inhibit the
0 V battery charge.
2. The 0 V battery charge has higher priority than the charge overcurrent detection function.
Consequently, a product in which use of the 0 V battery charge is enabled charges a battery
forcibly and the charge overcurrent cannot be detected when the battery voltage is lower than VDL.
8.
0 V battery charge inhibited
This function inhibits charging when a battery that is internally short-circuited (0 V battery) is connected. When the battery
voltage is the 0 V battery charge inhibition battery voltage (V0INH) or lower, the charge control FET gate is fixed to the
EB
− pin voltage to inhibit charging. When the battery voltage is V0INH or higher, charging can be performed.
Caution Some battery providers do not recommend charging for a completely self-discharged lithium-ion
rechargeable battery. It depends on the characteristics of the lithium-ion rechargeable battery to be
used; therefore, please ask the battery provider to determine whether to enable or inhibit the 0 V
battery charge.


Similar Part No. - S-82T1A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-8200 COOPER-S-8200 Datasheet
129Kb / 2P
   1/4 x 11/4 Fuse Blocks
S-8200 COOPER-S-8200 Datasheet
69Kb / 2P
   1/4x1-1/4 Fuseblocks
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
   S-8000 Series
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
logo
ABLIC Inc.
S-8200A ABLIC-S-8200A Datasheet
580Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.4.0_03
More results

Similar Description - S-82T1A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82L1A ABLIC-S-82L1A Datasheet
686Kb / 38P
   BATTERY PROTECTION IC WITH ALARM FUNTION FOR 1-CELL PACK
Rev.1.3_00
logo
Seiko Instruments Inc
S8250A SII-S8250A Datasheet
736Kb / 36P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
logo
ABLIC Inc.
S-8250A ABLIC-S-8250A Datasheet
552Kb / 36P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.3_03
S-82N1B ABLIC-S-82N1B Datasheet
675Kb / 39P
   BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.2_00
S-82B1B ABLIC-S-82B1B Datasheet
728Kb / 36P
   BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.0_01
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com