Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-82T1A Datasheet(PDF) 19 Page - ABLIC Inc.

Part # S-82T1A
Description  BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-82T1A Datasheet(HTML) 19 Page - ABLIC Inc.

Back Button S-82T1A Datasheet HTML 15Page - ABLIC Inc. S-82T1A Datasheet HTML 16Page - ABLIC Inc. S-82T1A Datasheet HTML 17Page - ABLIC Inc. S-82T1A Datasheet HTML 18Page - ABLIC Inc. S-82T1A Datasheet HTML 19Page - ABLIC Inc. S-82T1A Datasheet HTML 20Page - ABLIC Inc. S-82T1A Datasheet HTML 21Page - ABLIC Inc. S-82T1A Datasheet HTML 22Page - ABLIC Inc. S-82T1A Datasheet HTML 23Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82T1A Series
19
4.
Overdischarge status
When the battery voltage falls below VDL during discharging in the normal status and the condition continues for the
overdischarge detection delay time (tDL) or longer, the discharge control FET is turned off and discharging is stopped.
This status is called the overdischarge status.
Under the overdischarge status, VDD pin and VM pin are shorted by RVMD in this IC. The VM pin voltage is pulled up by
RVMD.
When connecting a charger in the overdischarge status, the battery voltage reaches VDL or higher and this IC releases
the overdischarge status if the VM pin voltage is below 0 V typ.
The battery voltage reaches the overdischarge release voltage (VDU) or higher and this IC releases the overdischarge
status if the VM pin voltage is not below 0 V typ. RVMS is not connected in the overdischarge status.
4. 1
With power-down function
Under the overdischarge status, when the VM pin voltage is 0.7 V typ. or higher, the power-down function works and
the current consumption is reduced to the current consumption during power-down (IPDN). By connecting a battery
charger, the power-down function is released when the VM pin voltage is 0.7 V typ. or lower.
• When a battery is not connected to a charger and the VM pin voltage ≥ 0.7 V typ., this IC maintains the
overdischarge status even when the battery voltage reaches VDU or higher.
• When a battery is connected to a charger and 0.7 V typ. > the VM pin voltage > 0 V typ., the battery voltage reaches
VDU or higher and this IC releases the overdischarge status.
• When a battery is connected to a charger and 0 V typ. ≥ the VM pin voltage, the battery voltage reaches VDL or
higher and this IC releases the overdischarge status.
4. 2
Without power-down function
Under the overdischarge status, the power-down function does not work even when the VM pin voltage is 0.7 V typ.
or higher.
• When a battery is not connected to a charger and the VM pin voltage ≥ 0.7 V typ., the battery voltage reaches VDU
or higher and this IC releases the overdischarge status.
• When a battery is connected to a charger and 0.7 V typ. > the VM pin voltage > 0 V typ., the battery voltage reaches
VDU or higher and this IC releases the overdischarge status.
• When a battery is connected to a charger and 0 V typ. ≥ the VM pin voltage, the battery voltage reaches VDL or
higher and this IC releases the overdischarge status.
5.
Discharge overcurrent status
(discharge overcurrent 1, discharge overcurrent 2, load short- circuiting, load short-circuiting 2)
5. 1
Discharge overcurrent 1, discharge overcurrent 2, load short-circuiting
When a battery in the normal status is in the status where the VINI pin voltage is equal to or higher than VDIOV1
because the discharge current is equal to or higher than the specified value and the status continues for the discharge
overcurrent 1 detection delay time (tDIOV1) or longer, the discharge control FET is turned off and discharging is stopped.
This status is called the discharge overcurrent status.
Under the discharge overcurrent status, VM pin and VSS pin are shorted by RVMS in this IC. However, the VM pin
voltage is the VDD pin voltage due to the load as long as the load is connected. When the load is disconnected, the
VM pin voltage returns to the VSS pin voltage.
When the VM pin voltage returns to VRIOV or lower, this IC releases the discharge overcurrent status.
RVMD is not connected in the discharge overcurrent status.
5. 2
Load short-circuiting 2
When a battery in the normal status is in the status where a load causing discharge overcurrent is connected, and the
VM pin voltage is equal to or higher than the load short-circuiting 2 detection voltage (VSHORT2) and the status continues
for the load short-circuiting detection delay time (tSHORT) or longer, the discharge control FET is turned off and
discharging is stopped. This status is called the discharge overcurrent status.
This IC releases the discharge overcurrent status in the same way as in "5. 1 Discharge overcurrent 1, discharge
overcurrent 2, load short-circuiting".


Similar Part No. - S-82T1A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-8200 COOPER-S-8200 Datasheet
129Kb / 2P
1/4 x 11/4 Fuse Blocks
S-8200 COOPER-S-8200 Datasheet
69Kb / 2P
1/4x1-1/4 Fuseblocks
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
S-8000 Series
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
1/4" x 11/4" Fuse Blocks
logo
ABLIC Inc.
S-8200A ABLIC-S-8200A Datasheet
580Kb / 36P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.4.0_03
More results

Similar Description - S-82T1A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
S8250A SII-S8250A Datasheet
736Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
ABLIC Inc.
S-82B1B ABLIC-S-82B1B Datasheet
728Kb / 36P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.0_01
S-8250A ABLIC-S-8250A Datasheet
552Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.3_03
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
S-82N1B ABLIC-S-82N1B Datasheet
675Kb / 39P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.2_00
S-82L1A ABLIC-S-82L1A Datasheet
686Kb / 38P
BATTERY PROTECTION IC WITH ALARM FUNTION FOR 1-CELL PACK
Rev.1.3_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com