Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-82T1A Datasheet(PDF) 17 Page - ABLIC Inc.

Part # S-82T1A
Description  BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-82T1A Datasheet(HTML) 17 Page - ABLIC Inc.

Back Button S-82T1A Datasheet HTML 13Page - ABLIC Inc. S-82T1A Datasheet HTML 14Page - ABLIC Inc. S-82T1A Datasheet HTML 15Page - ABLIC Inc. S-82T1A Datasheet HTML 16Page - ABLIC Inc. S-82T1A Datasheet HTML 17Page - ABLIC Inc. S-82T1A Datasheet HTML 18Page - ABLIC Inc. S-82T1A Datasheet HTML 19Page - ABLIC Inc. S-82T1A Datasheet HTML 20Page - ABLIC Inc. S-82T1A Datasheet HTML 21Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82T1A Series
17
Operation
Remark Refer to " Battery Protection IC Connection Example".
1.
Normal status
This IC monitors the voltage of the battery connected between VDD pin and VSS pin, the voltage between VINI pin and
VSS pin to control charging and discharging. When the battery voltage is in the range from overdischarge detection
voltage (VDL) to alarm status detection voltage (VAU), and the VINI pin voltage is in the range from charge overcurrent
detection voltage (VCIOV) to discharge overcurrent 1 detection voltage (VDIOV1), both charge and discharge control FETs
are turned on. This status is called the normal status, and in this condition charging and discharging can be carried out
freely.
The resistance between VDD pin and VM pin (RVMD), and the resistance between VM pin and VSS pin (RVMS) are not
connected in the normal status.
Caution After the battery is connected, discharging may not be carried out. In this case, this IC returns to the
normal status by connecting a charger.
2.
Overcharge status
2. 1
VCL
≠ VCU (Product in which overcharge release voltage differs from overcharge detection voltage)
When the battery voltage becomes higher than VCU during charging in the normal status and the condition continues
for the overcharge detection delay time (tCU) or longer, the charge control FET is turned off and charging is stopped.
This status is called the overcharge status.
The overcharge status is released in the following two cases.
(1) In the case that the VM pin voltage is lower than 0.35 V typ., this IC releases the overcharge status when the
battery voltage falls below overcharge release voltage (VCL).
(2) In the case that the VM pin voltage is equal to or higher than 0.35 V typ., this IC releases the overcharge status
when the battery voltage falls below VCU.
When the discharge is started by connecting a load after the overcharge detection, the VM pin voltage rises by the Vf
voltage of the internal parasitic diode than the VSS pin voltage, because the discharge current flows through the
parasitic diode in the charge control FET. If this VM pin voltage is equal to or higher than 0.35 V typ., this IC releases
the overcharge status when the battery voltage is equal to or lower than VCU.
Caution If the battery is charged to a voltage higher than VCU and the battery voltage does not fall below VCU
even when a heavy load is connected, discharge overcurrent detection and load short-circuiting
detection do not function until the battery voltage falls below VCU. Since an actual battery has an
internal impedance of tens of m
Ω, the battery voltage drops immediately after a heavy load that
causes overcurrent is connected, and discharge overcurrent detection and load short-circuiting
detection function.


Similar Part No. - S-82T1A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-8200 COOPER-S-8200 Datasheet
129Kb / 2P
   1/4 x 11/4 Fuse Blocks
S-8200 COOPER-S-8200 Datasheet
69Kb / 2P
   1/4x1-1/4 Fuseblocks
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
   S-8000 Series
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
logo
ABLIC Inc.
S-8200A ABLIC-S-8200A Datasheet
580Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.4.0_03
More results

Similar Description - S-82T1A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82L1A ABLIC-S-82L1A Datasheet
686Kb / 38P
   BATTERY PROTECTION IC WITH ALARM FUNTION FOR 1-CELL PACK
Rev.1.3_00
logo
Seiko Instruments Inc
S8250A SII-S8250A Datasheet
736Kb / 36P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
logo
ABLIC Inc.
S-8250A ABLIC-S-8250A Datasheet
552Kb / 36P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.3_03
S-82N1B ABLIC-S-82N1B Datasheet
675Kb / 39P
   BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.2_00
S-82B1B ABLIC-S-82B1B Datasheet
728Kb / 36P
   BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.0_01
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com