Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-82T1A Datasheet(PDF) 15 Page - ABLIC Inc.

Part # S-82T1A
Description  BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-82T1A Datasheet(HTML) 15 Page - ABLIC Inc.

Back Button S-82T1A Datasheet HTML 11Page - ABLIC Inc. S-82T1A Datasheet HTML 12Page - ABLIC Inc. S-82T1A Datasheet HTML 13Page - ABLIC Inc. S-82T1A Datasheet HTML 14Page - ABLIC Inc. S-82T1A Datasheet HTML 15Page - ABLIC Inc. S-82T1A Datasheet HTML 16Page - ABLIC Inc. S-82T1A Datasheet HTML 17Page - ABLIC Inc. S-82T1A Datasheet HTML 18Page - ABLIC Inc. S-82T1A Datasheet HTML 19Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82T1A Series
15
21. Overdischarge detection delay time
(Test circuit 5)
After setting V1 = 3.4 V, V2 = V5 = 0 V, the voltage V1 is decreased. The time interval from when the voltage V1 falls
below VDL until VDO goes to "L" is the overdischarge detection delay time (tDL).
22. Discharge overcurrent 1 detection delay time
(Test circuit 5)
After setting V1 = 3.4 V, V2 = 1.4 V, V5 = 0 V, the voltage V5 is increased. The time interval from when the voltage V5
exceeds VDIOV1 until VDO goes to "L" is the discharge overcurrent 1 detection delay time (tDIOV1).
23. Discharge overcurrent 2 detection delay time
(Test circuit 5)
After setting V1 = 3.4 V, V2 = 1.4 V, V5 = 0 V, the voltage V5 is increased. The time interval from when the voltage V5
exceeds VDIOV2 until VDO goes to "L" is the discharge overcurrent 2 detection delay time (tDIOV2).
24. Load short-circuiting detection delay time
(Test circuit 5)
After setting V1 = 3.4 V, V2 = 1.4 V, V5 = 0 V, the voltage V5 is increased. The time interval from when the voltage V5
exceeds VSHORT until VDO goes to "L" is the load short-circuiting detection delay time (tSHORT).
25. Charge overcurrent detection delay time
(Test circuit 5)
After setting V1 = 3.4 V, V2 = V5 = 0 V, the voltage V5 is decreased. The time interval from when the voltage V5 falls
below VCIOV until VCO goes to "L" is the charge overcurrent detection delay time (tCIOV).
26. 0 V battery charge starting charger voltage (0 V battery charge enabled)
(Test circuit 4)
The 0 V battery charge starting charger voltage (V0CHA) is defined as the absolute value of voltage V2 at which the current
flowing through the CO pin (ICO) exceeds 1.0
μA when the voltage V2 is gradually decreased after setting V1 = V5 =
0 V, V2 = V3 =
−0.5 V.
27. 0 V battery charge inhibition battery voltage (0 V battery charge inhibited)
(Test circuit 2)
The 0 V battery charge inhibition battery voltage (V0INH) is defined as the voltage V1 at which VCO goes to "L" (VCO = VVM)
when the voltage V1 is gradually decreased after setting V1 = 1.8 V, V2 =
−2.0 V, V5 = 0 V.


Similar Part No. - S-82T1A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-8200 COOPER-S-8200 Datasheet
129Kb / 2P
1/4 x 11/4 Fuse Blocks
S-8200 COOPER-S-8200 Datasheet
69Kb / 2P
1/4x1-1/4 Fuseblocks
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
S-8000 Series
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
1/4" x 11/4" Fuse Blocks
logo
ABLIC Inc.
S-8200A ABLIC-S-8200A Datasheet
580Kb / 36P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.4.0_03
More results

Similar Description - S-82T1A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82L1A ABLIC-S-82L1A Datasheet
686Kb / 38P
BATTERY PROTECTION IC WITH ALARM FUNTION FOR 1-CELL PACK
Rev.1.3_00
logo
Seiko Instruments Inc
S8250A SII-S8250A Datasheet
736Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
logo
ABLIC Inc.
S-8250A ABLIC-S-8250A Datasheet
552Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.3_03
S-82N1B ABLIC-S-82N1B Datasheet
675Kb / 39P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.2_00
S-82B1B ABLIC-S-82B1B Datasheet
728Kb / 36P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.0_01
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com