Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-82T1A Datasheet(PDF) 12 Page - ABLIC Inc.

Part # S-82T1A
Description  BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-82T1A Datasheet(HTML) 12 Page - ABLIC Inc.

Back Button S-82T1A Datasheet HTML 8Page - ABLIC Inc. S-82T1A Datasheet HTML 9Page - ABLIC Inc. S-82T1A Datasheet HTML 10Page - ABLIC Inc. S-82T1A Datasheet HTML 11Page - ABLIC Inc. S-82T1A Datasheet HTML 12Page - ABLIC Inc. S-82T1A Datasheet HTML 13Page - ABLIC Inc. S-82T1A Datasheet HTML 14Page - ABLIC Inc. S-82T1A Datasheet HTML 15Page - ABLIC Inc. S-82T1A Datasheet HTML 16Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
S-82T1A Series
Rev.1.0_00
12
Test Circuits
Caution 1. Unless otherwise specified, the output voltage levels "H" and "L" at CO pin (VCO) and DO pin (VDO)
are judged by the threshold voltage (1.0 V) of the N-channel FET. Judge the CO pin level with respect
to VVM and the DO pin level with respect to VSS.
The output voltage levels "H" and "L" at the AO pin (VAO) are judged by VDD
− 1.0 V.
2. Set SW to ON and OFF in AO pin Nch open-drain output and CMOS output, respectively.
1.
Overcharge detection voltage, overcharge release voltage
(Test circuit 1)
Overcharge detection voltage (VCU) is defined as the voltage V1 at which VCO goes from "H" to "L" when the voltage V1
is gradually increased after setting V1 = 3.4 V. Overcharge release voltage (VCL) is defined as the voltage V1 at which
VCO goes from "L" to "H" when the voltage V1 is then gradually decreased. Overcharge hysteresis voltage (VHC) is defined
as the difference between VCU and VCL.
2.
Alarm status detection voltage
(Test circuit 1)
2. 1
AO pin output logic active "H"
Alarm status detection voltage (VAU) is defined as the voltage V1 at which VAO goes from "L" to "H" when the voltage
V1 is gradually increased after setting V1 = 3.4 V. Alarm release voltage (VAL) is defined as the voltage V1 at which
VAO goes from "H" to "L" when the voltage V1 is then gradually decreased. Overcharge hysteresis voltage (VHA) is
defined as the difference between VAU and VAL.
2. 2
AO pin output logic active "L"
Alarm status detection voltage (VAU) is defined as the voltage V1 at which VAO goes from "H" to "L" when the voltage
V1 is gradually increased after setting V1 = 3.4 V. Alarm release voltage (VAL) is defined as the voltage V1 at which
VAO goes from "L" to "H" when the voltage V1 is then gradually decreased. Overcharge hysteresis voltage (VHA) is
defined as the difference between VAU and VAL.
3.
Overdischarge detection voltage, overdischarge release voltage
(Test circuit 2)
Overdischarge detection voltage (VDL) is defined as the voltage V1 at which VDO goes from "H" to "L" when the voltage
V1 is gradually decreased after setting V1 = 3.4 V, V2 = V5 = 0 V. Overdischarge release voltage (VDU) is defined as the
voltage V1 at which VDO goes from "L" to "H" when setting V2 = 0.01 V, V5 = 0 V and when the voltage V1 is then
gradually increased. Overdischarge hysteresis voltage (VHD) is defined as the difference between VDU and VDL.
4.
Discharge overcurrent 1 detection voltage, discharge overcurrent release voltage
(Test circuit 5)
Discharge overcurrent 1 detection voltage (VDIOV1) is defined as the voltage V5 at which delay time from when V5 is
increased after setting V1 = 3.4 V, V2 = 1.4 V, V5 = 0 V to when VDO goes from "H" to "L" is discharge overcurrent 1
detection delay time (tDIOV1). Discharge overcurrent release voltage (VRIOV) is defined as the voltage V2 at which VDO
goes from "L" to "H" when setting V2 = 3.4 V, V5 = 0 V and when the voltage V2 is then gradually decreased.
When the voltage V2 falls below VRIOV, VDO will go to "H" after 1.0 ms typ. and maintain "H" during load short-circuiting
detection delay time (tSHORT).
5.
Discharge overcurrent 2 detection voltage
(Test circuit 2)
Discharge overcurrent 2 detection voltage (VDIOV2) is defined as the voltage V5 at which delay time from when V5 is
increased after setting V1 = 3.4 V, V2 = 1.4 V, V5 = 0 V to when VDO goes from "H" to "L" is discharge overcurrent 2
detection delay time (tDIOV2).


Similar Part No. - S-82T1A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-8200 COOPER-S-8200 Datasheet
129Kb / 2P
   1/4 x 11/4 Fuse Blocks
S-8200 COOPER-S-8200 Datasheet
69Kb / 2P
   1/4x1-1/4 Fuseblocks
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
   S-8000 Series
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
logo
ABLIC Inc.
S-8200A ABLIC-S-8200A Datasheet
580Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.4.0_03
More results

Similar Description - S-82T1A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82L1A ABLIC-S-82L1A Datasheet
686Kb / 38P
   BATTERY PROTECTION IC WITH ALARM FUNTION FOR 1-CELL PACK
Rev.1.3_00
logo
Seiko Instruments Inc
S8250A SII-S8250A Datasheet
736Kb / 36P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
logo
ABLIC Inc.
S-8250A ABLIC-S-8250A Datasheet
552Kb / 36P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.3_03
S-82N1B ABLIC-S-82N1B Datasheet
675Kb / 39P
   BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.2_00
S-82B1B ABLIC-S-82B1B Datasheet
728Kb / 36P
   BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.0_01
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com