Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-82T1A Datasheet(PDF) 10 Page - ABLIC Inc.

Part # S-82T1A
Description  BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-82T1A Datasheet(HTML) 10 Page - ABLIC Inc.

Back Button S-82T1A Datasheet HTML 6Page - ABLIC Inc. S-82T1A Datasheet HTML 7Page - ABLIC Inc. S-82T1A Datasheet HTML 8Page - ABLIC Inc. S-82T1A Datasheet HTML 9Page - ABLIC Inc. S-82T1A Datasheet HTML 10Page - ABLIC Inc. S-82T1A Datasheet HTML 11Page - ABLIC Inc. S-82T1A Datasheet HTML 12Page - ABLIC Inc. S-82T1A Datasheet HTML 13Page - ABLIC Inc. S-82T1A Datasheet HTML 14Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
S-82T1A Series
Rev.1.0_00
10
2.
Ta =
−20°C to +60°C*1
Table 11
(Ta =
−20°C to +60°C*1 unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection Voltage
Overcharge detection voltage
VCU
VCU
− 0.017
VCU
VCU
+ 0.017
V
1
Overcharge release voltage
VCL
VCL
≠ VCU
VCL
− 0.065
VCL
VCL
+ 0.057
V
1
VCL = VCU
VCL
− 0.022
VCL
VCL
+ 0.017
V
1
Alarm status detection voltage
VAU
VAU
− 0.017
VAU
VAU
+ 0.017
V
1
Alarm hysteresis voltage
VHA
VHA
− 0.007
VHA
VHA
+ 0.007
V
1
Overdischarge detection voltage
VDL
VDL
− 0.060
VDL
VDL
+ 0.055
V
2
Overdischarge release voltage
VDU
VDL
≠ VDU
VDU
− 0.085
VDU
VDU
+ 0.080
V
2
VDL = VDU
VDU
− 0.060
VDU
VDU
+ 0.055
V
2
Discharge overcurrent 1 detection voltage
VDIOV1
VDIOV1
− 2
VDIOV1
VDIOV1
+ 2
mV
5
Discharge overcurrent 2 detection voltage
VDIOV2
VDIOV2
− 3
VDIOV2
VDIOV2
+ 3
mV
2
Load short-circuiting detection voltage
VSHORT
VSHORT
− 5
VSHORT
VSHORT
+ 5
mV
2
Load short-circuiting 2 detection voltage
VSHORT2
VDD
− 1.4
VDD
− 0.8
VDD
− 0.3
V
2
Charge overcurrent detection voltage
VCIOV
VCIOV
− 2
VCIOV
VCIOV
+ 2
mV
2
Discharge overcurrent release voltage
VRIOV
VDD = 3.4 V
VDD
× 0.77
VDD
× 0.80
VDD
× 0.83
V
5
0 V Battery Charge
0 V battery charge starting charger voltage
V0CHA
0 V battery charge
enabled
0.5
1.1
1.7
V
4
0 V battery charge inhibition battery voltage
V0INH
0 V battery charge
inhibited
0.7
1.2
1.7
V
2
Internal Resistance
Resistance between VDD pin and VM pin
RVMD
VDD = 1.8 V, VVM = 0 V
250
1250
3500
k
Ω
3
Resistance between VM pin and VSS pin
RVMS
VDD = 3.4 V, VVM = 1.0 V
3.5
10
20
k
Ω
3
Input Voltage
Operation voltage between VDD pin and
VSS pin
VDSOP1
1.5
6.0
V
Operation voltage between VDD pin and
VM pin
VDSOP2
1.5
28
V
Input Current
Current consumption during operation
IOPE
VDD = 3.4 V, VVM = 0 V
2.5
6.0
μA
3
Current consumption during power-down
IPDN
VDD = VVM = 1.5 V
0.1
μA
3
Current consumption during overdischarge
IOPED
VDD = VVM = 1.5 V
1.0
μA
3
Output Resistance
CO pin resistance "H"
RCOH
2.5
10
30
k
Ω
4
CO pin resistance "L"
RCOL
0.75
3
9
k
Ω
4
DO pin resistance "H"
RDOH
2.5
10
30
k
Ω
4
DO pin resistance "L"
RDOL
0.5
2
6
k
Ω
4
AO pin resistance "H"
RAOH
CMOS output
2.5
10
30
k
Ω
4
AO pin resistance "L"
RAOL
0.5
2
6
k
Ω
4
Delay Time
Overcharge detection delay time
tCU
tCU
× 0.6
tCU
tCU
× 1.4
5
Alarm status detection delay time
tAU
tAU
× 0.6
tAU
tAU
× 1.4
5
Overdischarge detection delay time
tDL
tDL
× 0.6
tDL
tDL
× 1.4
5
Discharge overcurrent 1 detection delay time tDIOV1
tDIOV1
× 0.65
tDIOV1
tDIOV1
× 1.35
5
Discharge overcurrent 2 detection delay time tDIOV2
tDIOV2
× 0.6
tDIOV2
tDIOV2
× 1.4
5
Load short-circuiting detection delay time
tSHORT
tSHORT
× 0.6
tSHORT
tSHORT
× 1.4
5
Charge overcurrent detection delay time
tCIOV
tCIOV
× 0.6
tCIOV
tCIOV
× 1.4
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.


Similar Part No. - S-82T1A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-8200 COOPER-S-8200 Datasheet
129Kb / 2P
1/4 x 11/4 Fuse Blocks
S-8200 COOPER-S-8200 Datasheet
69Kb / 2P
1/4x1-1/4 Fuseblocks
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
S-8000 Series
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
1/4" x 11/4" Fuse Blocks
logo
ABLIC Inc.
S-8200A ABLIC-S-8200A Datasheet
580Kb / 36P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.4.0_03
More results

Similar Description - S-82T1A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82L1A ABLIC-S-82L1A Datasheet
686Kb / 38P
BATTERY PROTECTION IC WITH ALARM FUNTION FOR 1-CELL PACK
Rev.1.3_00
logo
Seiko Instruments Inc
S8250A SII-S8250A Datasheet
736Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
logo
ABLIC Inc.
S-8250A ABLIC-S-8250A Datasheet
552Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.3_03
S-82N1B ABLIC-S-82N1B Datasheet
675Kb / 39P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.2_00
S-82B1B ABLIC-S-82B1B Datasheet
728Kb / 36P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.0_01
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com