Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-82T1A Datasheet(PDF) 1 Page - ABLIC Inc.

Part # S-82T1A
Description  BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-82T1A Datasheet(HTML) 1 Page - ABLIC Inc.

  S-82T1A Datasheet HTML 1Page - ABLIC Inc. S-82T1A Datasheet HTML 2Page - ABLIC Inc. S-82T1A Datasheet HTML 3Page - ABLIC Inc. S-82T1A Datasheet HTML 4Page - ABLIC Inc. S-82T1A Datasheet HTML 5Page - ABLIC Inc. S-82T1A Datasheet HTML 6Page - ABLIC Inc. S-82T1A Datasheet HTML 7Page - ABLIC Inc. S-82T1A Datasheet HTML 8Page - ABLIC Inc. S-82T1A Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
S-82T1A Series
BATTERY PROTECTION IC
WITH ALARM FUNCTION
FOR 1-CELL PACK
© ABLIC Inc., 2022
Rev.1.0_00
www.ablic.com
1
This IC is a protection IC for lithium-ion / lithium polymer rechargeable batteries, which includes high-accuracy voltage
detection circuits and delay circuits. It is suitable for protecting 1-cell lithium-ion / lithium polymer rechargeable battery packs
from overcharge, overdischarge, and overcurrent.
By using an external overcurrent detection resistor, This IC realizes high-accuracy overcurrent protection with less effect from
temperature change.
The alarm function enables the voltage detection immediately before the overcharge detection.
Features
• High-accuracy voltage detection circuit
Overcharge detection voltage
3.500 V to 4.800 V (5 mV step)
Accuracy
±12 mV
Overcharge release voltage
3.100 V to 4.800 V*1
Accuracy
±50 mV
Alarm detection voltage
3.500 V to 4.800 V (5 mV step)
Accuracy
±12 mV
Alarm hysteresis voltage
0 V, 0.010 V, 0.020 V
Accuracy
±5 mV
Overdischarge detection voltage
2.000 V to 3.000 V (10 mV step)
Accuracy
±50 mV
Overdischarge release voltage
2.000 V to 3.400 V*2
Accuracy
±75 mV
Discharge overcurrent 1 detection voltage
3 mV to 100 mV (0.5 mV step)
Accuracy
±1.5 mV
Discharge overcurrent 2 detection voltage
10 mV to 100 mV (1 mV step)
Accuracy
±3 mV
Load short-circuiting detection voltage
20 mV to 100 mV (1 mV step)
Accuracy
±5 mV
Charge overcurrent detection voltage
−100 mV to −3 mV (0.5 mV step)
Accuracy
±1.5 mV
• Detection delay times are generated only by an internal circuit (external capacitors are unnecessary).
• Discharge overcurrent control function
Release condition of discharge overcurrent status: Load disconnection
Release voltage of discharge overcurrent status:
Discharge overcurrent release voltage (VRIOV) = VDD
× 0.8 (typ.)
• 0 V battery charge:
Enabled, inhibited
• Power-down function:
Available, unavailable
• Alarm function
AO pin output logic:
Active "H", active "L"
AO pin output form:
CMOS output, Nch open-drain output
Connection when AO pin = "L":
VSS pin, VM pin
Charge control function:
Available, unavailable
• High-withstand voltage:
VM pin, CO pin and AO pin: Absolute maximum rating 28 V
• Wide operation temperature range:
Ta =
−40°C to +85°C
• Low current consumption
During operation:
2.5
μA typ., 5.0 μA max. (Ta = +25°C)
During power-down:
50 nA max. (Ta =
+25°C)
During overdischarge:
0.5
μA max. (Ta = +25°C)
• Lead-free (Sn 100%), halogen-free
*1. Overcharge release voltage = Overcharge detection voltage
− Overcharge hysteresis voltage
(Overcharge hysteresis voltage can be selected as 0 V or from a range of 0.1 V to 0.4 V in 50 mV step.)
*2. Overdischarge release voltage = Overdischarge detection voltage
+ Overdischarge hysteresis voltage
(Overdischarge hysteresis voltage can be selected as 0 V or from a range of 0.1 V to 0.7 V in 100 mV step.)
Applications
• Lithium-ion rechargeable battery pack
• Lithium polymer rechargeable battery pack
Package
• HSNT-8(1616)


Similar Part No. - S-82T1A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-8200 COOPER-S-8200 Datasheet
129Kb / 2P
1/4 x 11/4 Fuse Blocks
S-8200 COOPER-S-8200 Datasheet
69Kb / 2P
1/4x1-1/4 Fuseblocks
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
S-8000 Series
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
1/4" x 11/4" Fuse Blocks
logo
ABLIC Inc.
S-8200A ABLIC-S-8200A Datasheet
580Kb / 36P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.4.0_03
More results

Similar Description - S-82T1A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82L1A ABLIC-S-82L1A Datasheet
686Kb / 38P
BATTERY PROTECTION IC WITH ALARM FUNTION FOR 1-CELL PACK
Rev.1.3_00
logo
Seiko Instruments Inc
S8250A SII-S8250A Datasheet
736Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
logo
ABLIC Inc.
S-8250A ABLIC-S-8250A Datasheet
552Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.3_03
S-82N1B ABLIC-S-82N1B Datasheet
675Kb / 39P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.2_00
S-82B1B ABLIC-S-82B1B Datasheet
728Kb / 36P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.0_01
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com