Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-82T1A Datasheet(PDF) 6 Page - ABLIC Inc.

Part # S-82T1A
Description  BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-82T1A Datasheet(HTML) 6 Page - ABLIC Inc.

Back Button S-82T1A Datasheet HTML 2Page - ABLIC Inc. S-82T1A Datasheet HTML 3Page - ABLIC Inc. S-82T1A Datasheet HTML 4Page - ABLIC Inc. S-82T1A Datasheet HTML 5Page - ABLIC Inc. S-82T1A Datasheet HTML 6Page - ABLIC Inc. S-82T1A Datasheet HTML 7Page - ABLIC Inc. S-82T1A Datasheet HTML 8Page - ABLIC Inc. S-82T1A Datasheet HTML 9Page - ABLIC Inc. S-82T1A Datasheet HTML 10Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
S-82T1A Series
Rev.1.0_00
6
Table 3
Delay Time
Combination
Overcharge
Detection
Delay Time
[tCU]
Alarm Status
Detection
Delay Time
[tAU]
Overdischarge
Detection
Delay Time
[tDL]
Discharge
Overcurrent 1
Detection
Delay Time
[tDIOV1]
Discharge
Overcurrent 2
Detection
Delay Time
[tDIOV2]
Load Short-
circuiting
Detection
Delay Time
[tSHORT]
Charge
Overcurrent
Detection
Delay Time
[tCIOV]
(1)
1.0 s
280
μs
64 ms
3.75 s
16 ms
280
μs
16 ms
Remark The delay times can be changed. For details, please contact our sales representatives.
Table 4
Delay Time
Symbol
Selection Range
Remark
Overcharge detection delay time
tCU
256 ms
512 ms
1.0 s
Select a value
from the left.
Alarm status detection delay time
tAU
280
μs
530
μs
Select a value
from the left.
Overdischarge detection delay time
tDL
32 ms
64 ms
128 ms
Select a value
from the left.
Discharge overcurrent 1 detection
delay time
tDIOV1
8 ms
16 ms
32 ms
64 ms
128 ms
256 ms Select a value
from the left.
512 ms
1.0 s
2.0 s
3.0 s
3.75 s
4.0 s
Discharge overcurrent 2 detection
delay time
tDIOV2
4 ms
8 ms
16 ms
32 ms
64 ms
128 ms
Select a value
from the left.
Load short-circuiting
detection delay time
tSHORT
280
μs
530
μs
Select a value
from the left.
Charge overcurrent
detection delay time
tCIOV
4 ms
8 ms
16 ms
32 ms
64 ms
128 ms
Select a value
from the left.
Table 5
AO Pin
Combination
AO Pin Output Logic *1
AO Pin Output Form*2
Connection when
AO Pin = "L"*3
Charge Control Function*4
(1)
Active "H"
CMOS output
VSS pin
Unavailable
*1. AO pin output logic: Active "H", active "L".
*2. AO pin output form: CMOS output, Nch open-drain output
*3. Connection when AO pin = "L": VSS pin, VM pin
*4. Charge control function: Available, unavailable
Remark Please contact our sales representatives for products with AO pin combinations other than the above.
Table 6
Function Combination
0 V Battery Charge Function*1
Power-down Function*2
(1)
Enabled
Unavailable
*1. 0 V battery charge: Enabled, inhibited
*2. Power-down function: Available, unavailable
Remark Please contact our sales representatives for products with function combinations other than the above.


Similar Part No. - S-82T1A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-8200 COOPER-S-8200 Datasheet
129Kb / 2P
1/4 x 11/4 Fuse Blocks
S-8200 COOPER-S-8200 Datasheet
69Kb / 2P
1/4x1-1/4 Fuseblocks
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
S-8000 Series
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
1/4" x 11/4" Fuse Blocks
logo
ABLIC Inc.
S-8200A ABLIC-S-8200A Datasheet
580Kb / 36P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.4.0_03
More results

Similar Description - S-82T1A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
S8250A SII-S8250A Datasheet
736Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
ABLIC Inc.
S-82B1B ABLIC-S-82B1B Datasheet
728Kb / 36P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.0_01
S-8250A ABLIC-S-8250A Datasheet
552Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.3_03
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
S-82N1B ABLIC-S-82N1B Datasheet
675Kb / 39P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.2_00
S-82L1A ABLIC-S-82L1A Datasheet
686Kb / 38P
BATTERY PROTECTION IC WITH ALARM FUNTION FOR 1-CELL PACK
Rev.1.3_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com