Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C4100-35JI Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC41C4100-35JI
Description  1Mx4 bit Dynamic RAM with EDO Page Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C4100-35JI Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC41C4100-35JI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IC41C4100
IC41LV4100
Integrated Circuit Solution Inc.
7
DR027-0A 09/05/2001
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V
≤ VIN ≤ Vcc
–10
10
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–10
10
µA
0V
≤ VOUT ≤ Vcc
VOH
Output High Voltage Level
IOH = –2.5 mA
2.4
V
VOL
Output Low Voltage Level
IOL =+2.1mA
0.4
V
ICC1
Standby Current: TTL
RAS, CAS ≥ VIH
Commerical
5V
2
mA
Industrial
5V
3
Commerical 3.3V
1
Industrial
3.3V
2
ICC2
Standby Current: CMOS
RAS, CAS ≥ VCC – 0.2V
5V
1
mA
3.3V
0.5
ICC3
Operating Current:
RAS, CAS,
-35
110
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-50
95
Average Power Supply Current
-60
85
ICC4
Operating Current:
RAS = VIL, CAS,
-35
90
mA
EDO Page Mode(2,3,4)
Cycling tPC = tPC (min.)
-50
80
Average Power Supply Current
-60
70
ICC5
Refresh Current:
RAS Cycling, CAS ≥ VIH
-35
110
mA
RAS-Only(2,3)
tRC = tRC (min.)
-50
95
Average Power Supply Current
-60
85
ICC6
Refresh Current:
RAS, CAS Cycling
-35
110
mA
CBR(2,3,5)
tRC = tRC (min.)
-50
95
Average Power Supply Current
-60
85
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight
RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight
RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each EDO page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IC41C4100-35JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4105 ICSI-IC41C4105 Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4105-35J ICSI-IC41C4105-35J Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4105-35T ICSI-IC41C4105-35T Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4105-50J ICSI-IC41C4105-50J Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4105-50T ICSI-IC41C4105-50T Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
More results

Similar Description - IC41C4100-35JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4105 ICSI-IC41C4105 Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41UV4105 ICSI-IC41UV4105 Datasheet
181Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C82002S ICSI-IC41C82002S Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV16400 ISSI-IS41LV16400 Datasheet
143Kb / 19P
   4Mx16 (64-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com