Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C4100-35JI Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC41C4100-35JI
Description  1Mx4 bit Dynamic RAM with EDO Page Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C4100-35JI Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC41C4100-35JI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C4100-35JI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IC41C4100
IC41LV4100
2
Integrated Circuit Solution Inc.
DR027-0A 09/05/2001
FEATURES
• Extended Data-Out (EDO) Page Mode access cycle
• TTL compatible inputs and outputs; tristate I/O
• Refresh Interval: 1024 cycles /16 ms
• Refresh Mode:
RAS-Only, CAS-before-RAS (CBR),
Hidden
• Single power supply:
5V ± 10% (IC41C4100)
3.3V ± 10% (IC41LV4100)
• Industrail Temperature Range -40oC to 85oC
DESCRIPTION
The
ICSI IC41C4100 and IC41LV4100 is a 1,048,576 x 4-bit
high-performance CMOS Dynamic Random Access Memories.
The IC41C4100 offer an accelerated cycle access called EDO
Page Mode. EDO Page Mode allows 1024 random accesses
within a single row with access cycle time as short as 12 ns per
4-bit word.
These features make the IC41C4100and IC41LV4100 ideally
suited for, digital signal processing, high-performance audio
systems, and peripheral applications.
The IC41C4100 is packaged in a 20-pin 300mil SOJ and 300mil
TSOP-2.
1M x 4 (4-MBIT) DYNAMIC RAM
WITH EDO PAGE MODE
KEY TIMING PARAMETERS
Parameter
-35
-50
-60
Unit
Max.
RAS Access Time (tRAC)
355060
ns
Max.
CAS Access Time (tCAC)
101415
ns
Max. Column Address Access Time (tAA)
182530
ns
Min. EDO Page Mode Cycle Time (tPC)
122025
ns
Min. Read/Write Cycle Time (tRC)
60
90
110
ns
PIN DESCRIPTIONS
A0-A9
Address Inputs
I/O0-3
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
CAS
Column Address Strobe
Vcc
Power
GND
Ground
NC
No Connection
PIN CONFIGURATION
20 (26) Pin SOJ, TSOP-2
1
2
3
4
5
9
10
11
12
13
26
25
24
23
22
18
17
16
15
14
I/O0
I/O1
WE
RAS
A9
A0
A1
A2
A3
VCC
GND
I/O3
I/O2
CAS
OE
A8
A7
A6
A5
A4


Similar Part No. - IC41C4100-35JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4105 ICSI-IC41C4105 Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4105-35J ICSI-IC41C4105-35J Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4105-35T ICSI-IC41C4105-35T Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4105-50J ICSI-IC41C4105-50J Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4105-50T ICSI-IC41C4105-50T Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
More results

Similar Description - IC41C4100-35JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4105 ICSI-IC41C4105 Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41UV4105 ICSI-IC41UV4105 Datasheet
181Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C82002S ICSI-IC41C82002S Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV16400 ISSI-IS41LV16400 Datasheet
143Kb / 19P
   4Mx16 (64-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com