Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 60 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 60 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 64Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
60
2004/8/19
(V1.6)
CW timing characteristic
CAS input signal length
(2130 ,2750 Hz
@ -20dBm )
Tcasi
80
ms
Call waiting data detect delay time
Tcwd
42
ms
Call waiting data release time
Tcwr
26
ms
DTMF receiver timing characteristic
Tone Present Detection Time
Tdp
(ps1)
the guard-times for tone-present
(C=0.1uF, R=300K)
Tgtp
30
ms
the guard-times for tone-absent
(C=0.1uF, R=300K)
Tgta
30
mS
Propagation Delay (St to Q)
Tpq
8
us
Tone Absent Detection Time
Tda
(ps2)
ms
SPI timing characteristic (CPU clock 3.58MHz and Fsco = 3.58Mhz /2)
/SS set-up time
Tcss
560
ns
/SS hold time
Tcsh
250
SCLK high time
Thi
250
ns
SCLK low time
Tlo
250
ns
SCLK rising time
Tr
15
30
ns
SCLK falling time
Tf
15
30
ns
SDI set-up time to the reading edge of SCLK
Tisu
25
ns
SDI hold time to the reading edge of SCLK
Tihd
25
ns
SDO disable time
Tdis
560
ns
(ps1) : Controlled by software
(ps2) : Controlled by RC circuit.
Data ROM access timing characteristic
Symbol
Description
Condition
Min
Typ
Max
Unit
Tdiea
Delay from Phase 3 end to
INSEND active
Cl=100pF
30
ns
Tdiei
Delay from Phase 4 end to
INSEND inactive
Cl=100pF
30
ns
Tiew
INSEND pulse width
30
ns
Tdca
Delay from Phase 4 end to
CA Bus valid
C1=100pF
30
ns
Tacc
ROM data access time
100
ns
Tcds
ROM data setup time
20
ns
Tcdh
ROM data hold time
20
ns
Tdca-1
Delay time of
CA-1
C1=100pF
30
ns


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com