Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 23Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
19
2004/8/19
(V1.6)
MUX
PORTD7
DAOUT
DAS
current DA
circuit
DAEN
DA9..DA0
PORTD7
VDD
Fig.12
Current DA structure
R7 Port 7 I/O Data , Data ROM address , CNT2 Data , SPI control
PAGE0 Port 7 I/O Data
7
6
5
4
3
2
1
0
P77
P76
P75
P74
P73
P72
P71
P70
R/W-X
R/W-X
R/W-X
R/W-X
R/W-X
R/W-X
R/W-X
R/W-X
Bit 0 ~ Bit 7 (P70 ~ P77) : 8-bit PORT7(0~7) I/O data register
User can use IOC register to define input or output each bit.
PAGE1 Data ROM address
7
6
5
4
3
2
1
0
DRA7
DRA6
DRA5
DRA4
DRA3
DRA2
DRA1
DRA0
R/W-X
R/W-X
R/W-X
R/W-X
R/W-X
R/W-X
R/W-X
R/W-X
Bit 0 ~ Bit 7 (DRA0 ~ DRA7) : Data ROM address ( 0~7 ) for ROM reading
PAGE2 Counter2 Data buffer
7
6
5
4
3
2
1
0
CN27
CN26
CN25
CN24
CN23
CN22
CN21
CN20
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0~Bit 7(CN20~CN27) : Counter2's data buffer
User can read and write this buffer. Counter2 is a eight bit up-counter with 8-bit prescaler that user can use R7
page2 to preset and read the counter. ( write = preset)
After a interruption, it will reload the preset value.
Example: write:
MOV
0x07 , A
; write the data at accumulator to counter1 (preset)
Example: read:
MOV
A , 0x07
; read R7 data and write to accumulator
PAGE3 SPI Control Register
7
6
5
4
3
2
1
0
RBF
SPIE
SRO
SE
SCES
SBR2
SBR1
SBR0
Fig.7 shows how SPI to communicate with other device by SPI module. If SPI is a master controller, it sends clock
through the SCK pin. An 8-bit data is transmitted and received at the same time. If SPI, however, is defined as a slave,
its SCK pin could be programmed as an input pin. Data will continue to be shifted on a basis of both the clock rate and
the selected edge.


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com