Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
15
2004/8/19
(V1.6)
A16 A15 A14 A13 A12 A11 A10
A9 A8
A7~A0
0000000 PAGE0 00000~003FF
0000001 PAGE1 00400~007FF
1111110 PAGE126 1F800~1FBFF
1111111 PAGE127 1FC00~1FFFF
0000010 PAGE2 00800~00BFF
STACK1
STACK2
STACK5
STACK4
STACK3
STACK6
STACK8
STACK7
:
:
STACK30
STACK31
STACK32
CALL
and
INTERRUPT
RET
RETL
RETI
ACC,R3,R5(PAGE)
R5(PAGE)
store
restore
Fig.8 : Program counter organization
R3 Status Register
7
6
5
4
3
2
1
0
RS1
RS0
IOCS
T
P
Z
DC
C
Bit 0 (C) : Carry
Bit 1 (DC) : Auxiliary carry flag
Bit 2 (Z) : Zero flag
Bit 3 (P) : Power down bit.
Set to 1 during power on or by a "WDTC" command and reset to 0 by a "SLEP" command.
Bit 4 (T) : Time-out bit.
Set to 1 by the "SLEP" and "WDTC" command, or during power up and reset to 0 by WDT timeout.
EVENT
T
P
REMARK
WDT wake up from sleep mode
0
0
WDT time out (not sleep mode)
0
1
/RESET wake up from sleep
1
0
Power up
1
1
Low pulse on /RESET
x
X
x : don't care
Bit 5 (IOCS) : IOC register select bit. Change IOC5 ~ IOCE to another PAGE
Bit 6~Bir 7 (RS0 ~ RS1) : R register select bits. Change R5 ~ RE to another PAGE.
RS1
RS0
R PAGE
0
0
PAGE 0
0
1
PAGE 1
1
0
PAGE 2
1
1
PAGE 3


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com