Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
13
2004/8/19
(V1.6)
VII. Function Descriptions
VII.1 Operational Register
05
06
07
08
09
0A
0B
0C
0D
0E
0F
04
03
02
01
R1(TCC Buffer)
R2(PC)
R3(STATUS)
R4(RSR,bank select)
R5(Program page)
R6(Port6 IO data)
R5(Counter setting)
R5(CNT1 low 8 bit data)
R5( CurrentDA control)
R6(DROM data buffer)
R6(CNT1 high 8 bit data)
R6(CurrentDA control)
R7(Port7 IO data)
R8(Port8 IO data)
R9(Port9 IO data)
RB(PortB IO data)
RC(PortC IO data)
RD(PortD IO data)
R7(DROM address)
R8(DROM address)
R7(CNT2 data)
R7(SPI control)
R8(DTMF receiver)
R8(SPI data buffer)
R9(DROM address ,
LCD address MSB )
R9(CMP IO control)
R9(Key tone control)
RA(Power saving , FSK)
RA(LCD address)
RA(Comparator control)
RA(Tont1 control)
RB(LCD data buffer)
RB(Key strobe control)
RB(Tone2 control)
RC(DRAM1 data buffer)
RD(DRAM1 address)
RC(Key strobe control)
RD(LCD control)
RE(Interrupt flag1)
RF(Interrupt flag2)
RE(DRAM1 address ,
DED output)
RE(LCD control ,
Key scan , CAS)
IOC5(Address auto
inc/dec control)
IOC5(DRAM2 data buffer)
IOC6(Port6 I/O control)
IOC6(DRAM2 address)
IOC7(Port7 I/O control)
IOC8(Port8 I/O control)
IOC9(Port9 I/O control)
IOCB(PortB I/O control)
IOCC(PortC I/O control)
IOCD(PortD I/O control)
IOC7(DRAM2 address)
IOC8(IO/SEG switch)
IOC9(PB I/O/SEG switch)
IOCA(PC I/O/SEG switch)
IOCA(STACK point)
IOCB(External LCD driver
control interface)
IOCC(P6 pull high control)
IOCD(P7 pull high control)
IOCE(Interrupt mask1)
IOCE(DED control)
IOCE(Interrupt mask2)
16 Byte Commom register
10
:
1F
Bank0
Bank1
Bank2
Bank3
32x8
32x8
32x8
32x8
Commom register
20
:
3F
R3(6,7)
R3(5)
R4
P1(7,8)
P3(7)
Address
REGISTER
PAGE0
REGISTER
PAGE1
REGISTER
PAGE2
REGISTER
PAGE3
Control
REGISTER
PAGE0
Control
REGISTER
PAGE1
LCD RAM
RA PAGE1 : address
RB PAGE1 : data
DATA ROM
R7 PAGE1 : address(L)
R8 PAGE1 : address(M)
R9 PAGE1 : address(H)
R6 PAGE1 : data
DATA RAM(index1)
RD PAGE1 : address(L)
RE PAGE1 : address(H)
RC PAGE1 : data
DATA RAM(index2)
IOC6 PAGE1 : address(L)
IOC7 PAGE1 : address(H)
IOC5 PAGE1 : data
R4(Unused)
R4(Undefined)
R4(Undefined)
RC(Undefined)
RD(Undefined)
RE(Undefined)
R1(UART receiver buffer)
RF(Undefined)
R1(Real Interrupt flag1)
R1(Real Interrupt flag2)
RF(External Data ROM
Start address LOW)
RF(External Data ROM
Start address HIGH)
Fig.6: control register configuration
VII.2 Operational Register Detail Description
R0 Indirect Addressing Register
R0 is not a physically implemented register. It is useful as indirect addressing pointer. Any instruction using R0 as
register actually accesses data pointed by the RAM Select Register (R4).
Example:
Mov
A
,
@0x20
;store a address at R4 for indirect addressing
Mov
0x04 ,
A
Mov
A
,
@0xAA ;write data 0xAA to R20 at bank0 through R0
Mov
0x00 ,
A
R1 PAGE0 TCC data buffer
TCC data buffer. Increased by 16.38KHz or by the instruction cycle clock (controlled by CONT register).Written and
read by the program as any other register.


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com