Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
12
2004/8/19
(V1.6)
64K Program ROM
Unused
256K byte
Data ROM
EM78P813
(EXSEL pin pull high)
MAX 2M Byte Expand ROM
(FLASH ROM)
128K word Program ROM
(PAGE0~PAGE127)
ExpandData ROM
Expand Data ROM start address
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
RF PAGE1
RF PAGE2
0
ROM
Address
0
ROM
Address
9
ROM
Address
17
b0
b0
b7
b7
IOCB
B7
Fig5(b) : EXSEL = 1, only external program are used.
How to set start address for expanding Data ROM?
EM78815 support maximum 2M Byte expanding data memory, but user must fix the start address of external
program at 0x00000 and set start address of expanding Data ROM by user. By this way, MCU will get data from external
memory if the data ROM is over 256K.
The width of an instruction is 13 bit and the data bus for external memory is 8bit, so an instruction will captured two
address size and the LSB address of start address at external ROM will be 0. Besides, EM78815 only support MAX 128K
program, so the start address of Data ROM will smaller than 256K-2 andA20, A19 and A18 will be 0 also. User only has to
according to write Data ROM address A17~A1 to IOCB PAGE2 bi7,RF PAGE3 and RF PAGE2.
EM78P813 writer pin
OTP writer PIN NAME
MASK ROM PIN NAME
P.S.
1.VDD
VDD,AVDD
2.VPP
/RESET
3.DINCK
P77
4.ACLK
P76
5.PGM
P75
6.OE
P74
7.DATA
P73
8.GND
VSS,AVSS,TEST
9.ROMSEL
P72
High : Data ROM
Low : Program ROM


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com