Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
10
2004/8/19
(V1.6)
VIII Expand Program/Data ROM interface
Pin
I/O
Description
EXD0 ~ EXD7
I/O
Expand Program/Data memory Data Bus
RD
O
Expand Program/Data memory Read request output
WR
O
Expand Program/Data memory Write request output
CS
O
Expand Program/Data memory CS request output
EXA-1~EXA19
O
Expand Program/Data memory Address Bus
EXSEL
I
0/1
Internal 64K Program ROM select used/unused
CHIPSEL Pin : EM78813 or EM78815 function select . In EM78813 mode , Key strobe pin are share with SEG50 ~ SEG
65. If select to EM78815 mode , Key strobe pin are share with I/O Port8 and Port9. SEG34 ~SEG65 pin will switch
to expand flash memory interface.
Connect to ground
EM78813 mode
Connect to VDD
EM78815 mode
EM78813 mode
COM2
SEG
V1
V2
V4
V5
GND
30us
V1
V2
V4
V5
GND
V1
V2
V4
V5
GND
Fig.4(a) : EM78813 mode Key scan signal(share with SEG pin)


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com