Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
9
2004/8/19
(V1.6)
the digital algorithm detects a recognizable tone-pair (signal
condition). Any momentary loss of signal condition will cause
EST to return to a logic low. This pin shared with PORT61.
STGT
I/O
Steering input/guard time output (bi-directional). A voltage
greater than Vtst detected at ST causes the device to register the
detected tone-pair and update the output latch.
A voltage less than Vtst frees the device to accept a new
tone-pair. The GT output acts to reset the external steering
time-constant; its state is a function of EST and the voltage on
ST . This pin shared with PORT60.
VI. Serial IO, Comparator , Current DA , Tone
Pin
I/O
Description
SCK
I/O
Master: output pin , Slave: input pin.
This pin shared with
PORTD4
SDO
O
Output pin for serial data transferring. This pin shared with
PORTD5.
SDI
I
Input pin for receiving data. This pin shared with PORTD6.
CMP1
I
Comparator input pins. Shared with PORT65.
CMP2
I
Comparator input pins. Shared with PORT66
CMP3
I
Comparator input pins. Shared with PORT67.
DAOUT
O
Current DA output pin. It can be a control signal for sound
generating. Shared with PORTD7.
KTONE
O
Key tone output. Shared with PORT76.
TONE
O
Dual tone output pin
VII. IO
Pin
I/O
Description
P60 ~P67
I/O
PORT 6 can be INPUT or OUTPUT port each bit.
Internal pull high.
P70 ~ P77
I/O
PORT 7 can be INPUT or OUTPUT port each bit.
Internal Pull high function.
Auto key scan function.
Interrupt function.
Shared with Key tone output
P80 ~ P87
I/O
PORT 8 can be INPUT or OUTPUT port each bit.
Shared with LCD Segment signal.
P90 ~ P97
I/O
PORT 9 can be INPUT or OUTPUT port each bit.
Shared with LCD Segment signal.
PB0 ~ PB7
I/O
PORT B can be INPUT or OUTPUT port each bit.
Shared with LCD Segment signal.
PC0 ~ PC7
I/O
PORT C can be INPUT or OUTPUT port each bit.
Shared with LCD Segment signal.
PD0 ~ PD7
I/O
PORT D can be INPUT or OUTPUT port each bit.
Shared with SPI pin
Share with CMP input pin.
P70 ~ P76
I
Interrupt sources. Any pin from PORT70 to PORT76 has a
falling
edge
signal,
it
will
generate
a
corresponding
interruption..
P77
I
Interrupt source. Once PORT77 has a falling edge or rising edge
signal (controlled by CONT register), it will generate a
interruption.
/RESET
I
Low reset


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com