Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
8
2004/8/19
(V1.6)
VI. Pin Descriptions
I. POWER pin
Pin
I/O
Description
VDD
POWER
Digital Power
AVDD
POWER
Analog Power
LVDD
POWER
Charge pump used power
GND
POWER
Digital Ground
AVSS
POWER
Analog Ground
LVSS
POWER
Charge pump used power
II. CLOCK pin
Pin
I/O
Description
XIN
I
Input pin for 32.768 kHz oscillator
XOUT
O
Output pin for 32.768 kHz oscillator
PLLC
I
Phase loop lock capacitor, connect a capacitor 0.01u to 0.047u
with GND
III.1. Embedded LCD pin
Pin
I/O
Description
COM0..COM15
O
Common driver pins of LCD drivers
COM16..COM23
O
COM16..COM23 are shared with SEG111..SEG106
COM24..COM31
O
COM24..COM31 are shared with SEG105..SEG98
SEG0..SEG65
O
Segment driver pins of LCD drivers
SEG66..SEG73
O
Segment driver pins of LCD drivers share with PORT8
SEG74..SEG81
O
Segment driver pins of LCD drivers share with PORT9
SEG82..SEG89
O
Segment driver pins of LCD drivers share with PORTB
SEG90..SEG97
O
Segment driver pins of LCD drivers share with PORTC
C1,C2
-
Charge Pump capacitor. C1 connect 1uF Cap To C2.
Vout
-
Charge pump output voltage ,connect 1uF Cap to GND
VREF
-
2.7V, need to be connected 0.1uF capacitor to GND
VC1..VC5
I
Reference voltage input. Each one connect a capacitor (0.1u)
with GND.
III.2. External LCD device control pin
Pin
I/O
Description
LCDD0..LCDD7
I/O
External LCD driver data bus. Shared with PORTB0..PORTB7.
/WR
O
Write enable output (active low signal). Shared with PORTC2.
/RD
O
Read enable output (active low signal). Shared with PORTC3.
A0
O
Used as register selection. When A0 equal to 1, data bus transmit
LCD DATA. When A0 equal to 0,data bus transmit LCD
Address. The pin shared with PORTC4.
/CS1../CS2
O
Chip Selection signal output. Shared with PORTC1..PORTC0
IV. FSK,CW
Pin
I/O
Description
TIP
I
Should be connected with TIP side of twisted pair lines for FSK.
RING
I
Should be connected with RING side of twisted pair lines for
FSK.
CWGS
O
Gain adjustment of single-ended input OP Amp
CWIN
I
Single-ended input OP Amp for call waiting decoder
EGIN1,EGIN2
I
DED input
V. DTMF receiver
Pin
I/O
Description
EST
O
Early steering output. Presents a logic high immediately when


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com