Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 59 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 59 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 63Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
59
2004/8/19
(V1.6)
FSK AC Characteristic (Vdd=5V,Ta=+25
°C)
CHARACTERISTIC
Min
Typ
Max Unit
FSK sensitivity
Low Level Sensitivity Tip & Ring @SNR 20dB
-40
-48
dBm
High Level Sensitivity Tip & Ring @SNR 20dB
0
dBm
Signal Reject
-51
dBm
FSK twist
Positive Twist (High Level)
+10
dB
Positive Twist (Low Level)
+10
dB
Negative Twist (High Level)
-6
dB
Negative Twist (Low Level)
-6
dB
DTMF (DTMF receiver) AC Characteristic (Vdd=5V,Ta=+25
°C)
CHARACTERISTIC
Min
Typ
Max Unit
DTMF receiver
Low Level Signal Sensitivity
-36
dBm
High Level Signal Sensitivity
0
dBm
Low Tone Frequency
±2
%
High Tone Frequency
±2
%
DTMF receiver noise endurance
Signal to noise ratio
15
dB
TONE generators for AC Characteristic (Vdd=5V,Ta=+25
°C)
CHARACTERISTIC
Min
Typ
Max Unit
Tone1/Tone2 signal strength (root mean square voltage)
Tone1 signal strength V1rms (ps1)
130
155
180
mV
Tone2 signal strength V2rms (ps1)
1.259V1rms
mV
Tone twist
(Tone1 – Tone2) twist
-2
dB
Tone frequency deviation
Frequency deviation
±1
%
(ps1) : V1rms and V2rms has 2dB difference. It means 20log(V2rms/V1rms) = 20log1.259 = 2 (dB)
DED AC Characteristic (Vdd=+5.0V,Ta=+25℃)
CHARACTERISTIC
MIN
TYP
MAX
UNIT
Input sensitivity TIP and RING for DED, DEDTHD bit=0
-45
--
dBm
Input sensitivity TIP and RING for DED, DEDTHD bit=1
-35
--
dBm
Timing characteristic (Vdd=5V,Ta=+25
°C)
Description
Symbol
Min
Typ
Max Unit
Oscillator timing characteristic
OSC start up
32.768kHz
Tosc
1500 ms
3.579MHz PLL
5
10
us
FSK timing characteristic
Carrier detect low
Tcdl
--
10
14
ms
Carrier detect low to data valid
Tcdv
--
10
20
ns
Power up to FSK(setup time)
Tsup
--
15
20
ms
End of FSK to Carrier Detect high
Tcdh
--
4
ms


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com